Electronic Components Datasheet Search
  English  ▼

X  

SHT4X Datasheet(PDF) 17 Page - Sensirion AG Switzerland

Part # SHT4X
Description  4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT4X Datasheet(HTML) 17 Page - Sensirion AG Switzerland

Back Button SHT4X Datasheet HTML 13Page - Sensirion AG Switzerland SHT4X Datasheet HTML 14Page - Sensirion AG Switzerland SHT4X Datasheet HTML 15Page - Sensirion AG Switzerland SHT4X Datasheet HTML 16Page - Sensirion AG Switzerland SHT4X Datasheet HTML 17Page - Sensirion AG Switzerland SHT4X Datasheet HTML 18Page - Sensirion AG Switzerland SHT4X Datasheet HTML 19Page - Sensirion AG Switzerland SHT4X Datasheet HTML 20Page - Sensirion AG Switzerland SHT4X Datasheet HTML 21Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
www.sensirion.com / D1
Version 4
– November 2022
17/22
6.2 Protective Cover
The SHT4x will be available with a second protective option, a removable protective cover to protect
the sensing element during sensor installation. The sensor will be delivered with the protective
cover attached such that the sensor opening is completely covered and sealed. This enables cost-
effective brush-over and spray-over application procedures of conformal coating material. Such
coating is often required in highly corrosive environments to protect solder joints. In this process
the protective cover prevents the sensor opening to be sealed by any coating and to it, the foil can
be pulled off with tweezers at the designated non-sticking flap.
The protective cover is made of polyimide making it highly resistant to chemicals and elevated
temperatures14. To ensure full functionality of the cover, when mounting the sensor, follow the
reflow soldering process as described in the Handling Instruction [2].
Figure 20. Sketch of the SHT4x with attached polyimide foil.15
7 Quality and Material Contents
Qualification of SHT4x is performed based on the JEDEC JESD47 qualification test method,
qualification report available on request. The device is fully RoHS and WEEE compliant, e.g. free
of Pb, Cd, and Hg.
For general remarks of best practice in processing humidity sensor please refer to the handling
instructions [2].
14 Up to 260 °C
15 This a preliminary sketch only and might be subject to change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com