Electronic Components Datasheet Search
  English  ▼

X  

SHT4X Datasheet(PDF) 16 Page - Sensirion AG Switzerland

Part # SHT4X
Description  4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT4X Datasheet(HTML) 16 Page - Sensirion AG Switzerland

Back Button SHT4X Datasheet HTML 12Page - Sensirion AG Switzerland SHT4X Datasheet HTML 13Page - Sensirion AG Switzerland SHT4X Datasheet HTML 14Page - Sensirion AG Switzerland SHT4X Datasheet HTML 15Page - Sensirion AG Switzerland SHT4X Datasheet HTML 16Page - Sensirion AG Switzerland SHT4X Datasheet HTML 17Page - Sensirion AG Switzerland SHT4X Datasheet HTML 18Page - Sensirion AG Switzerland SHT4X Datasheet HTML 19Page - Sensirion AG Switzerland SHT4X Datasheet HTML 20Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
www.sensirion.com / D1
Version 4
– November 2022
16/22
5.5 Thermal Information
Symbol
Description
Heater off, die
pad soldered
(K/W)
Heater on, die
pad soldered
(K/W)
Heater off,
die pad
not soldered
(K/W)
Heater on,
die pad
not soldered
(K/W)
������������������������
Junction-to-ambient
thermal resistance
246
308
297
357
������������������������
Junction-to-case
thermal resistance
189
255
191
257
������������������������
Junction-to-board
thermal resistance
159
225
193
258
������������
Junction-to-board
characterization
param.
159
223
191
254
������������
Junction-to-top
characterization
param.
38
105
44
112
Table 9. Typical
values for thermal metrics. In the “heater on” columns a heater power of 200 mW was
assumed. Soldering of the die pad is not recommended, therefore the two right hand side columns are bold.
Values are based on simulation.
6 Protection Options
6.1 Membrane Option
The filter membrane option for SHT4x family members inherently provides an additional barrier for
all pollutants to enter the sensor opening, thus lowering negative influences on the sensing
element. Mostly designed to keep particles and dust from accumulating and reducing the response
time, the membrane also enables more efficient and easy cleaning, as it helps to reduce liquid
intrusion into the sensor opening. Even though not selectively filtering, in general, physical barriers
allow to reduce the amount of unwanted chemical contamination and help to remove potentially
harmful components by facilitating wiping (flat sensor surface).
The integrated SHT4x PTFE membrane provides additional protection, from particles, and enables
sensor operation in harsh conditions. The membrane has a thickness of 100 µm offering a filtration
efficiency of >99.99% for particles of 200 nm size and larger. Owing to the high permeability and
the small volume between sensing element and membrane, the specified response time of the RH
sensor is unaltered.
Figure 19. SHT4x with integrated PTFE membrane, highlighting the beneficial flat geometry of the SHT4xI.
To ensure full functionality of the sensor and avoid damaging its integrated filter membrane, when
mounting the sensor, follow the reflow soldering process as described in the Handling
Instructions [2]. Furthermore the therein described care regarding board wash and cleaning still
apply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com