Electronic Components Datasheet Search
  English  ▼

X  

VDRUS Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VDRUS
Description  VDR Metal Oxide Varistors Ultra Surge High Operating Temperature 125 °C
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRUS Datasheet(HTML) 4 Page - Vishay Siliconix

  VDRUS Datasheet HTML 1Page - Vishay Siliconix VDRUS Datasheet HTML 2Page - Vishay Siliconix VDRUS Datasheet HTML 3Page - Vishay Siliconix VDRUS Datasheet HTML 4Page - Vishay Siliconix VDRUS Datasheet HTML 5Page - Vishay Siliconix VDRUS Datasheet HTML 6Page - Vishay Siliconix VDRUS Datasheet HTML 7Page - Vishay Siliconix VDRUS Datasheet HTML 8Page - Vishay Siliconix VDRUS Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
VDRUS Series
www.vishay.com
Vishay BCcomponents
Revision: 18-Oct-2021
4
Document Number: 29185
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS
DERATING CURVE
PEAK CURRENT AS A FUNCTION OF PULSE
WIDTH
Note
(1) Tmax. and E values per size and voltage level can be found back in the Electrical Data table
ELECTRICAL DATA
PARAMETER
VALUE
UNIT
Maximum continuous voltage:
RMS
115 to 680
V
DC
150 to 895
V
Maximum non-repetitive transient current (INRP) (8 x 20 μs)
VDRUS07
1800
A
VDRUS10
4500
A
VDRUS14
8000
A
VDRUS20
13 000
A
Thermal resistance:
VDRUS07
≈ 70
K/W
VDRUS10
≈ 60
K/W
VDRUS14
≈ 50
K/W
VDRUS20
≈ 40
K/W
Maximum dissipation:
VDRUS07
250
mW
VDRUS10
400
mW
VDRUS14
600
mW
VDRUS20
1000
mW
Temperature coefficient of voltage at 1 mA maximum
± 0.05
%/K
Voltage proof between interconnected leads and case
1000
V
Storage temperature
-40 to +150
°C
Operating temperature
-40 to +125
°C
100 %
0
- 40
125
T
amb (°C)
Maximum Voltage
Maximum Dissipation
Maximum Energy
Maximum Transient Current
150
t (µs)
t
2
t
1
I
p
(%)
100
0
10
50
90
t
2 (µs)
20
50
100
1000
K
1
1.2
1.3
1.4
COMPONENT DIMENSIONS (BULK TYPE) in millimeters AND CATALOG NUMBERS
D MAX.
A MAX.
A0 MAX.
L MIN.
T (1)
MAX
.
E (1)
dF
CATALOG
NUMBER
MARKING
NUMBER
V
≤ 320 V V > 320 V V ≤ 300 V V > 300 V V ≤ 320 V V > 320 V
9.0
11.0
13.0
24.0
7.0
0.7 to 3.9 0.6 ± 0.05
5 ± 1.0
VDRUS07
572
12.0
12.5
14.5
15.5
16.5
17.0
24.0
10.8
0.9 to 5.4 0.8 ± 0.05 7.5 ± 1.0 VDRUS10
573
16.0
16.5
19.0
21.0
21.5
24.0
9.8
0.9 to 5.4 0.8 ± 0.05 7.5 ± 1.0 VDRUS14
575
22.5
23.0
25.5
27.5
28.0
24.0
10.2
1.1 to 5.8 1.0 ± 0.05 10 ± 1.0 VDRUS20
576



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com