Electronic Components Datasheet Search
  English  ▼

X  

VDRUS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VDRUS
Description  VDR Metal Oxide Varistors Ultra Surge High Operating Temperature 125 °C
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRUS Datasheet(HTML) 2 Page - Vishay Siliconix

  VDRUS Datasheet HTML 1Page - Vishay Siliconix VDRUS Datasheet HTML 2Page - Vishay Siliconix VDRUS Datasheet HTML 3Page - Vishay Siliconix VDRUS Datasheet HTML 4Page - Vishay Siliconix VDRUS Datasheet HTML 5Page - Vishay Siliconix VDRUS Datasheet HTML 6Page - Vishay Siliconix VDRUS Datasheet HTML 7Page - Vishay Siliconix VDRUS Datasheet HTML 8Page - Vishay Siliconix VDRUS Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
VDRUS Series
www.vishay.com
Vishay BCcomponents
Revision: 18-Oct-2021
2
Document Number: 29185
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL DATA AND ORDERING INFORMATION
MAXIMUM
CONTINUOUS
VOLTAGE
VOLTAGE
AT 1 mA (3)
MAXIMUM
VOLTAGE
AT STATED
CURRENT
MAXIMUM
ENERGY (4)
(10 x 1000 μs)
MAXIMUM
NON-REP.
TRANSIENT
CURRENT (5)
INRP
(8 x 20 μs)
NOMINAL
DISCHARGE
CURRENT (7)
TYPICAL
CAPACITANCE
AT 1 kHz
T
(MAX.)
E
CATALOG
NUMBERS (1)
RMS (2)
(V)
DC
(V)
(V)
V
(V)
I
(A)
(J)
(A)
(kA)
(pF)
(mm)
(mm)
SAP (6)
115
150
180
300
10.0
19
1800
1
390
3.6
0.9 ± 0.3 VDRUS07M115xyE
300
25.0
47
4500
2
680
4.0
1.1 ± 0.3 VDRUS10T115xyE
300
50.0
65
8000
3
1320
4.0
1.1 ± 0.3 VDRUS14X115xyE
300
100.0
152
13 000
5
2640
4.4
1.3 ± 0.3 VDRUS20Z115ByE
130
170
205
340
10.0
21
1800
1
320
3.8
1.0 ± 0.3 VDRUS07M130xyE
340
25.0
52
4500
2
580
4.3
1.2 ± 0.3 VDRUS10T130xyE
340
50.0
82
8000
3
1050
4.3
1.2 ± 0.3 VDRUS14X130xyE
340
100.0
175
13 000
5
2100
4.8
1.4 ± 0.3 VDRUS20Z130ByE
140
180
220
360
10.0
23
1800
1
290
3.9
1.0 ± 0.3 VDRUS07M140xyE
360
25.0
58
4500
2
540
4.3
1.2 ± 0.3 VDRUS10T140xyE
360
50.0
90
8000
3
950
4.3
1.2 ± 0.3 VDRUS14X140xyE
360
100.0
185
13 000
5
1900
4.8
1.5 ± 0.3 VDRUS20Z140ByE
150
200
240
395
10.0
25
1800
1
270
4.1
1.1 ± 0.3 VDRUS07M150xyE
395
25.0
64
4500
2
490
4.3
1.3 ± 0.3 VDRUS10T150xyE
395
50.0
98
8000
3
850
4.3
1.3 ± 0.3 VDRUS14X150xyE
395
100.0
198
13 000
5
1700
4.8
1.5 ± 0.3 VDRUS20Z150ByE
175
225
275
455
10.0
28
1800
1
230
4.1
1.3 ± 0.3 VDRUS07M175xyE
455
25.0
67
4500
2
430
4.9
1.5 ± 0.3 VDRUS10T175xyE
455
50.0
116
8000
3
750
4.9
1.5 ± 0.3 VDRUS14X175xyE
455
100.0
220
13 000
5
1500
4.9
1.7 ± 0.3 VDRUS20Z175ByE
195
250
300
505
10.0
32
1800
1
210
4.3
1.4 ± 0.8 VDRUS07M195xyE
505
25.0
70
4500
2
380
5.1
1.6 ± 0.8 VDRUS10T195xyE
505
50.0
128
8000
3
690
5.1
1.6 ± 0.8 VDRUS14X195xyE
505
100.0
245
13 000
5
1350
5.1
1.9 ± 0.8 VDRUS20Z195ByE
210
275
330
550
10.0
34
1800
1
190
4.4
1.6 ± 0.8 VDRUS07M210xyE
550
25.0
72
4500
2
350
5.3
1.8 ± 0.8 VDRUS10T210xyE
550
50.0
140
8000
3
610
5.3
1.8 ± 0.8 VDRUS14X210xyE
550
100.0
268
13 000
5
1250
5.3
2.0 ± 0.8 VDRUS20Z210ByE
230
300
360
595
10.0
37
1800
1
170
4.6
1.7 ± 0.8 VDRUS07M230xyE
595
25.0
76
4500
2
320
5.4
1.9 ± 0.8 VDRUS10T230xyE
595
50.0
158
8000
3
540
5.4
1.9 ± 0.8 VDRUS14X230xyE
595
100.0
315
13 000
5
1100
5.4
2.2 ± 0.8 VDRUS20Z230ByE
250
320
390
650
10.0
40
1800
1
160
4.8
1.9 ± 0.8 VDRUS07M250xyE
650
25.0
82
4500
2
300
5.5
2.1 ± 0.8 VDRUS10T250xyE
650
50.0
170
8000
3
480
5.5
2.1 ± 0.8 VDRUS14X250xyE
650
100.0
350
13 000
5
960
5.5
2.3 ± 0.8 VDRUS20Z250ByE
275
350
430
710
10.0
46
1800
1
140
4.9
2.0 ± 0.8 VDRUS07M275xyE
710
25.0
93
4500
2
270
6.3
2.2 ± 0.8 VDRUS10T275xyE
710
50.0
185
8000
3
440
5.3
2.2 ± 0.8 VDRUS14X275xyE
710
100.0
380
13 000
5
900
5.8
2.5 ± 0.8 VDRUS20Z275ByE
300
385
470
775
10.0
49
1800
1
130
5.1
2.2 ± 0.8 VDRUS07M300xyE
775
25.0
99
4500
2
240
6.5
2.4 ± 0.8 VDRUS10T300xyE
775
50.0
205
8000
3
400
5.5
2.4 ± 0.8 VDRUS14X300xyE
775
100.0
405
13 000
5
810
5.9
2.7 ± 0.8 VDRUS20Z300ByE
320
420
510
842
10.0
54
1800
1
120
5.5
2.4 ± 0.8 VDRUS07M320xyE
842
25.0
107
4500
2
220
7.0
2.6 ± 0.8 VDRUS10T320xyE
842
50.0
220
8000
3
370
6.0
2.6 ± 0.8 VDRUS14X320xyE
842
100.0
445
13 000
5
750
6.3
2.9 ± 0.8 VDRUS20Z320ByE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com