Electronic Components Datasheet Search
  English  ▼

X  

VDRUS Datasheet(PDF) 14 Page - Vishay Siliconix

Part # VDRUS
Description  VDR Metal Oxide Varistors Ultra Surge High Operating Temperature 125 °C
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRUS Datasheet(HTML) 14 Page - Vishay Siliconix

Back Button VDRUS Datasheet HTML 7Page - Vishay Siliconix VDRUS Datasheet HTML 8Page - Vishay Siliconix VDRUS Datasheet HTML 9Page - Vishay Siliconix VDRUS Datasheet HTML 10Page - Vishay Siliconix VDRUS Datasheet HTML 11Page - Vishay Siliconix VDRUS Datasheet HTML 12Page - Vishay Siliconix VDRUS Datasheet HTML 13Page - Vishay Siliconix VDRUS Datasheet HTML 14Page - Vishay Siliconix VDRUS Datasheet HTML 15Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
VDRUS Series
www.vishay.com
Vishay BCcomponents
Revision: 18-Oct-2021
14
Document Number: 29185
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PULSE DERATING
115 VRMS to 680 VRMS; VDRUS20
10
100
1000
10000
1
10
100
1000
10 000
10
100
1000
10 000
Axis Title
t
pulse _∏_ (µs)
20
1 pulse
2
10
10
2
10
3
10
4
10
5
10
6
30 000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com