Electronic Components Datasheet Search
  English  ▼

X  

VDRUS Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VDRUS
Description  VDR Metal Oxide Varistors Ultra Surge High Operating Temperature 125 °C
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRUS Datasheet(HTML) 3 Page - Vishay Siliconix

  VDRUS Datasheet HTML 1Page - Vishay Siliconix VDRUS Datasheet HTML 2Page - Vishay Siliconix VDRUS Datasheet HTML 3Page - Vishay Siliconix VDRUS Datasheet HTML 4Page - Vishay Siliconix VDRUS Datasheet HTML 5Page - Vishay Siliconix VDRUS Datasheet HTML 6Page - Vishay Siliconix VDRUS Datasheet HTML 7Page - Vishay Siliconix VDRUS Datasheet HTML 8Page - Vishay Siliconix VDRUS Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
VDRUS Series
www.vishay.com
Vishay BCcomponents
Revision: 18-Oct-2021
3
Document Number: 29185
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) The products are certified according to cULus (E332800), and VDE (40051495). See Agency Approval section on page1 for certificate
download section
(2) The sinusoidal voltage is assumed as the normal operating condition. If a non-sinusoidal voltage is present, type selection should be based
on multiplying the peak voltage by a factor of 0.707
(3) The voltage measured at 1 mA meets the requirements of IEC 61051.
The tolerance on the voltage at 1 mA is ± 10 %
(4) High energy surges are generally of longer duration. The maximum energy for one pulse of 10 x 1000 μs is given as a reference for longer
duration pulses. This pulse can be characterized by peak current (Ip) and pulse width t2 (virtual time of half Ip value). If Vp is the clamping
voltage corresponding to Ip, the energy absorbed in the varistor is determined by the formula:
where K is dependent on the value of t2 (see Peak Current as a Function of Pulse Width drawing)
(5) A current wave of 8 x 20 μs is used as a standard for pulse current and clamping voltage ratings. The maximum non-repetitive transient
current is given for one pulse applied during the life of the component
(6) For composition of the SAP part number:
Replace “x” by
B for bulk type
Replace “y” by S
for straight leads
T for tape and reel
K
for kinked leads (bulk only)
A for tape and ammopack
L
for kinked leads with H0 = 16 mm (tape and reel/ammo)
M
for kinked leads with H0 = 18.25 mm (tape and reel/ammo)
(7) All varistors are UL1449 edition 4 recognized as SPD type 5 (component level) for operating temperatures up to 125 °C. The varistors may
be used in other SPD types as 2, 3, or 4 depending on the indicated nominal discharge current ratings. The final acceptance of the
component is dependent upon its installation and use in complete equipment submitted to Underwriters Laboratories Inc.
350
460
560
920
10.0
55
1800
1
110
5.8
2.7 ± 0.8 VDRUS07M350xyE
920
25.0
113
4500
2
200
7.1
2.9 ± 0.8 VDRUS10T350xyE
920
50.0
240
8000
3
320
6.1
2.9 ± 0.8 VDRUS14X350xyE
920
100.0
475
13 000
5
650
6.5
3.2 ± 0.8 VDRUS20Z350ByE
385
505
620
1025
10.0
59
1800
1
95
6.0
3.0 ± 0.8 VDRUS07M385xyE
1025
25.0
125
4500
2
180
7.5
3.2 ± 0.8 VDRUS10T385xyE
1025
50.0
250
8000
3
280
6.5
3.2 ± 0.8 VDRUS14X385xyE
1025 100.0
490
13 000
5
570
6.8
3.5 ± 0.8 VDRUS20Z385ByE
420
560
680
1120
10.0
62
1800
1
85
6.3
3.2 ± 0.8 VDRUS07M420xyE
1120
25.0
128
4500
2
165
7.7
3.4 ± 0.8 VDRUS10T420xyE
1120
50.0
260
8000
3
250
6.7
3.4 ± 0.8 VDRUS14X420xyE
1120 100.0
500
13 000
5
510
7.1
3.7 ± 0.8 VDRUS20Z420ByE
460
615
750
1290
5.0
66
1800
1
30
6.6
3.6 ± 0.8 VDRUS07M460xyE
1240
25.0
134
4500
2
150
8.0
3.8 ± 0.8 VDRUS10T460xyE
1240
50.0
270
8000
3
225
7.0
3.8 ± 0.8 VDRUS14X460xyE
1240 100.0
525
13 000
5
450
7.5
4.1 ± 0.8 VDRUS20Z460ByE
485
640
780
1290
10.0
68
1800
1
65
6.8
3.7 ± 0.8 VDRUS07M485xyE
1290
25.0
139
4500
2
145
8.3
3.9 ± 0.8 VDRUS10T485xyE
1290
50.0
274
8000
3
220
7.3
3.9 ± 0.8 VDRUS14X485xyE
1290 100.0
530
13 000
5
400
7.6
4.2 ± 0.8 VDRUS20Z485ByE
510
670
820
1355
10.0
71
1800
1
62
7.0
3.9 ± 0.8 VDRUS07M510xyE
1355
25.0
146
4500
2
135
8.5
4.1 ± 0.8 VDRUS10T510xyE
1355
50.0
280
8000
3
220
7.5
4.1 ± 0.8 VDRUS14X510xyE
1355 100.0
545
13 000
5
400
7.9
4.4 ± 0.8 VDRUS20Z510ByE
550
745
910
1500
25.0
152
4500
2
120
8.9
4.5 ± 0.8 VDRUS10T550xyE
1500
50.0
295
8000
3
180
7.9
4.5 ± 0.8 VDRUS14X550xyE
1500 100.0
595
13 000
5
320
8.3
4.9 ± 0.8 VDRUS20Z550ByE
625
825
1000
1650
25.0
170
4500
2
105
9.4
5.0 ± 0.8 VDRUS10T625ByE
1650
50.0
335
8000
3
165
8.4
5.0 ± 0.8 VDRUS14X625ByE
1650 100.0
650
13 000
5
280
8.8
5.3 ± 0.8 VDRUS20Z625ByE
680
895
1100
1815
25.0
180
4500
2
80
10.8
5.4 ± 0.8 VDRUS10T680ByE
1815
50.0
360
8000
3
150
9.8
5.4 ± 0.8 VDRUS14X680ByE
1815 100.0
720
13 000
5
250
10.2
5.8 ± 0.8 VDRUS20Z680ByE
ELECTRICAL DATA AND ORDERING INFORMATION
MAXIMUM
CONTINUOUS
VOLTAGE
VOLTAGE
AT 1 mA (3)
MAXIMUM
VOLTAGE
AT STATED
CURRENT
MAXIMUM
ENERGY (4)
(10 x 1000 μs)
MAXIMUM
NON-REP.
TRANSIENT
CURRENT (5)
INRP
(8 x 20 μs)
NOMINAL
DISCHARGE
CURRENT (7)
TYPICAL
CAPACITANCE
AT 1 kHz
T
(MAX.)
E
CATALOG
NUMBERS (1)
RMS (2)
(V)
DC
(V)
(V)
V
(V)
I
(A)
(J)
(A)
(kA)
(pF)
(mm)
(mm)
SAP (6)
EK x V
p x Ip x t2
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com