Electronic Components Datasheet Search
  English  ▼

X  

AP66300 Datasheet(PDF) 16 Page - Diodes Incorporated

Part # AP66300
Description  3.8V TO 60V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP66300 Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button AP66300 Datasheet HTML 12Page - Diodes Incorporated AP66300 Datasheet HTML 13Page - Diodes Incorporated AP66300 Datasheet HTML 14Page - Diodes Incorporated AP66300 Datasheet HTML 15Page - Diodes Incorporated AP66300 Datasheet HTML 16Page - Diodes Incorporated AP66300 Datasheet HTML 17Page - Diodes Incorporated AP66300 Datasheet HTML 18Page - Diodes Incorporated AP66300 Datasheet HTML 19Page - Diodes Incorporated AP66300 Datasheet HTML 20Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
AP66300
Document number: DS43722 Rev. 2 - 2
16 of 25
www.diodes.com
August 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP66300
Application Information (continued)
Power Derating Characteristics
To prevent the regulator from exceeding the maximum recommended operating junction temperature, some thermal analysis is required. The
regulator’s temperature rise is given by:
������������������������������ = ������������ ∙ (������������������)
Eq. 4
Where:
PD is the power dissipated by the regulator
θJA is the thermal resistance from the junction of the die to the ambient temperature
The junction temperature, TJ, is given by:
������������ = ������������ + ������������������������������
Eq. 5
Where:
TA is the ambient temperature of the environment
For the U-QFN4040-16/SWP (Type UXB) package, the
θJA is 30°C/W on an evaluation board. The actual junction temperature should not exceed
the maximum recommended operating junction temperature of +125°C when considering the thermal design. Figure 41 shows a typical derating
curve versus ambient temperature.
Figure 41. Output Current Derating Curve vs. Ambient Temperature, VIN = 12V
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
0
20
40
60
80
100
120
140
160
Ambient Temperature (
°C)
VOUT = 1.2V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com