Electronic Components Datasheet Search
  English  ▼

X  

AP66300 Datasheet(PDF) 22 Page - Diodes Incorporated

Part # AP66300
Description  3.8V TO 60V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP66300 Datasheet(HTML) 22 Page - Diodes Incorporated

Back Button AP66300 Datasheet HTML 17Page - Diodes Incorporated AP66300 Datasheet HTML 18Page - Diodes Incorporated AP66300 Datasheet HTML 19Page - Diodes Incorporated AP66300 Datasheet HTML 20Page - Diodes Incorporated AP66300 Datasheet HTML 21Page - Diodes Incorporated AP66300 Datasheet HTML 22Page - Diodes Incorporated AP66300 Datasheet HTML 23Page - Diodes Incorporated AP66300 Datasheet HTML 24Page - Diodes Incorporated AP66300 Datasheet HTML 25Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
AP66300
Document number: DS43722 Rev. 2 - 2
22 of 25
www.diodes.com
August 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP66300
Layout
PCB Layout
1.
The AP66300 is a high switching frequency converter. Hence, attention must be paid to the switching currents interference in the layout.
Switching current from one power device to another can generate voltage transients across the impedances of the interconnecting bond
wires and circuit traces. These interconnecting impedances should be minimized by using wide, short printed circuit traces. The AP66300
works at 3A load current so heat dissipation is a major concern in the layout of the PCB. 2oz copper for both the top and bottom layers is
recommended.
2.
Place the input capacitors as closely across VIN and GND as possible.
3.
Place the inductor as close to SW as possible.
4.
Place the output capacitors as close to GND as possible.
5.
Place the feedback components as close to FB as possible.
6.
If using four or more layers, use at least the 2nd and 3rd layers as GND to maximize thermal performance.
7.
Add as many vias as possible around both the GND pin and under the GND plane for heat dissipation to all the GND layers.
8.
Add as many vias as possible around both the VIN pin and under the VIN plane for heat dissipation to all the VIN layers.
9.
See Figure 47 for more details.
PGND
7
8
10
11
1
2
3
5
VIN
VCC
BIAS
FS
12
9
4
6
13
14
15
16
EN
EPAD
MSYNC
VIN
C5
C4
R1
R2
VIN
VOUT
SW
PGND
Figure 47. PC Board Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com