Electronic Components Datasheet Search
  English  ▼

X  

AP66300 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP66300
Description  3.8V TO 60V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP66300 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP66300 Datasheet HTML 1Page - Diodes Incorporated AP66300 Datasheet HTML 2Page - Diodes Incorporated AP66300 Datasheet HTML 3Page - Diodes Incorporated AP66300 Datasheet HTML 4Page - Diodes Incorporated AP66300 Datasheet HTML 5Page - Diodes Incorporated AP66300 Datasheet HTML 6Page - Diodes Incorporated AP66300 Datasheet HTML 7Page - Diodes Incorporated AP66300 Datasheet HTML 8Page - Diodes Incorporated AP66300 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
AP66300
Document number: DS43722 Rev. 2 - 2
2 of 25
www.diodes.com
August 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP66300
Typical Applications Circuit
AP66300
L1
R1
R2
C3
0.1
µF
C2
2x22
μF
C1
10
μF
ON
OFF
VIN
FS
EN
VCC
SW
BST
FB
C5
1
µF
PGND
INPUT
OUTPUT
VOUT
VIN
PG
PG
VCC
C4
SS/TR
BIAS
VOUT
GND
MSYNC
Figure 1. Typical Application Circuit
Figure 2. PFM Efficiency vs. Output Current, VIN = 12V, fSW = 500kHz
Figure 3. PWM Efficiency vs. Output Current, VIN=12V, fSW = 500kHz
50
55
60
65
70
75
80
85
90
95
100
0.001
0.010
0.100
1.000
10.000
IOUT (A)
VOUT=5V
VOUT=3.3V
0
10
20
30
40
50
60
70
80
90
100
0.001
0.010
0.100
1.000
10.000
IOUT (A)
VOUT=5V
VOUT=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com