Electronic Components Datasheet Search
  English  ▼

X  

AP66300 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP66300
Description  3.8V TO 60V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP66300 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP66300 Datasheet HTML 1Page - Diodes Incorporated AP66300 Datasheet HTML 2Page - Diodes Incorporated AP66300 Datasheet HTML 3Page - Diodes Incorporated AP66300 Datasheet HTML 4Page - Diodes Incorporated AP66300 Datasheet HTML 5Page - Diodes Incorporated AP66300 Datasheet HTML 6Page - Diodes Incorporated AP66300 Datasheet HTML 7Page - Diodes Incorporated AP66300 Datasheet HTML 8Page - Diodes Incorporated AP66300 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
AP66300
Document number: DS43722 Rev. 2 - 2
3 of 25
www.diodes.com
August 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP66300
Pin Descriptions
Pin Name
Pin Number
Function
BIAS
1
The internal regulator will draw current from BIAS instead of VIN when BIAS is tied to a voltage higher than 4.4V.
For output voltages of 5V to 15V this pin should be tied to VOUT. If this pin is tied to a supply other than VOUT use a
1µF local bypass capacitor on this pin. If no supply is available, tie to PGND.
VCC
2
Internal power supply output pin to connect an additional capacitor. Connect a
1μF (typical) capacitor as close as
possible to the VCC and PGND. This pin is not active when EN is low.
VIN
3, 4
Power Input. VIN supplies the power to the IC, as well as the step-down converter switches. Drive VIN with a
3.8V to 60V power source. Bypass VIN to GND with a suitable large capacitor to eliminate noise on the input to
the IC. See Input Capacitor.
BST
5
High-Side Gate Drive Boost Input. BST supplies the drive for the high-side N-Channel MOSFET a 0.1µF or
greater capacitor from SW to BST to power the high side switch.
SW
6, 7
Power Switching Output. SW is the switching node that supplies power to the output. Connect the output LC filter
from SW to the output load. Note that a capacitor is required from SW to BST to power the high-side switch.
PGND
8, 9
Power Ground. Connect PGND plane and EXPOSED PAD with as many via for thermal and efficiency
performance.
EN
10
Enable Input. EN is a digital input that turns the regulator on or off. Drive EN high to turn on the regulator; low to
turn it off. Connect directly to VIN for automatic startup.
FS
11
This pin set the oscillator switching frequency, using a resistor, RFS, from FS pin to GND. The frequency of
operation may be programmed from 300kHz to 2.5MHz. Connect FS to VCC or HIGH for a default frequency of
500kHz.
MSYNC
12
Connect MSYNC to VCC or HIGH for forced PWM. Connect MSYNC to GND for PFM operation. Apply an
external clock source for synchronization with positive edge trigger and PWM.
PG
13
Open drain power-good output that is pulled to GND when the output voltage is out of its regulation limits or
during soft-start interval. There is an internal 5M
Ω pull-up resistor.
SS/TR
14
Soft-start pin for the regulator. The SS/TR pin controls the soft-start and sequence of the output. A single
capacitor from SS/TR to GND determines the output ramp rate. See the “Output Tracking and Sequencing”
section for more application detail about soft-start, output tracking, and sequencing. If SS is tied to VCC, then an
internal soft-start of 2ms will be used.
FB
15
Feedback Input. FB senses the output voltage and regulates it. Drive FB with a resistive voltage divider
connected to it from the output voltage. The feedback threshold is 0.8V. See Setting the Output Voltage.
GND
16
Analog ground that is used for control. Single point connection to the EPAD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com