Electronic Components Datasheet Search
  English  ▼

X  

T55 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # T55
Description  vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance Type
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T55 Datasheet(HTML) 5 Page - Vishay Siliconix

  T55 Datasheet HTML 1Page - Vishay Siliconix T55 Datasheet HTML 2Page - Vishay Siliconix T55 Datasheet HTML 3Page - Vishay Siliconix T55 Datasheet HTML 4Page - Vishay Siliconix T55 Datasheet HTML 5Page - Vishay Siliconix T55 Datasheet HTML 6Page - Vishay Siliconix T55 Datasheet HTML 7Page - Vishay Siliconix T55 Datasheet HTML 8Page - Vishay Siliconix T55 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
T55
www.vishay.com
Vishay Polytech
Upgrade for High Reliability With T56
Revision: 29-Sep-2022
5
Document Number: 40174
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
AT 25 °C
(μA)
MAX. DF
AT 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(m
Ω)
MAX. RIPPLE
AT 45 °C
100 kHz IRMS
(A)
HIGH
TEMPERATURE
LOAD, TIME
(h)
MAX.
OPERATING
TEMPERATURE
(°C)
2.5 VDC AT +105 °C, 1.7 VDC AT +125 °C
22
A
T55A226M2R5C0200
5.5
10
200
0.75
1000
105
22
A
T55A226M2R5C0180
5.5
10
180
0.79
1000
105
33
A
T55A336M2R5C0200
8.2
10
200
0.75
1000
105
33
A
T55A336M2R5C0180
8.2
10
180
0.79
1000
105
47
A
T55A476M2R5C0200
11.7
10
200
0.75
1000
105
47
A
T55A476M2R5C0180
11.7
10
180
0.79
1000
105
68
A
T55A686M2R5C0250
17.0
10
250
0.67
1000
105
68
A
T55A686M2R5C0200
17.0
10
200
0.75
1000
105
68
B
T55B686M2R5C0070
17.0
8
70
1.36
2000
125
100
A
T55A107M2R5C0200
25.0
10
200
0.75
1000
105
100
A
T55A107M2R5C0100
25.0
10
100
1.07
1000
105
100
T
T55T107M2R5C0070
25.0
10
70
1.22
1000
105
100
B
T55B107M2R5C0070
25.0
8
70
1.36
2000
125
100
B
T55B107M2R5C0055
25.0
8
55
1.53
2000
125
150
B
T55B157M2R5C0070
37.5
8
70
1.36
2000
105
150
B
T55B157M2R5C0055
37.5
8
55
1.53
2000
105
220
B
T55B227M2R5C0070
55.0
8
70
1.36
2000
105
220
B
T55B227M2R5C0055
55.0
8
55
1.53
2000
105
220
B
T55B227M2R5C0045
55.0
8
45
1.69
2000
105
220
B
T55B227M2R5C0035
55.0
8
35
1.93
2000
105
220
B
T55B227M2R5C0030
55.0
8
30
2.08
2000
105
220
B
T55B227M2R5C0025
55.0
8
25
2.28
2000
105
220
V
T55V227M2R5C0025
55.0
10
25
2.73
2000
125
220
V
T55V227M2R5C0018
55.0
10
18
3.22
2000
125
220
V
T55V227M2R5C0015
55.0
10
15
3.53
2000
125
330
B
T55B337M2R5C0070
82.5
8
70
1.36
2000
105
330
B
T55B337M2R5C0045
82.5
8
45
1.70
2000
105
330
B
T55B337M2R5C0035
82.5
8
35
1.93
2000
105
330
B
T55B337M2R5C0025
82.5
8
25
2.28
2000
105
330
Z
T55Z337M2R5C0025
82.5
10
25
2.73
2000
105
330
Z
T55Z337M2R5C0018
82.5
10
18
3.22
2000
105
330
V
T55V337M2R5C0040
82.5
10
40
2.16
2000
125
330
V
T55V337M2R5C0025
82.5
10
25
2.73
2000
125
330
V
T55V337M2R5C0018
82.5
10
18
3.22
2000
125
330
V
T55V337M2R5C0015
82.5
10
15
3.53
2000
125
330
D
T55D337M2R5C0009
82.5
10
9
5.00
2000
125
330
D
T55D337M2R5C0008
82.5
10
8
5.30
2000
125
330
D
T55D337M2R5C0007
82.5
10
7
5.66
2000
125
470
B
T55B477M2R5C0025
117.5
8
25
2.28
2000
105
470
Z
T55Z477M2R5C0025
117.5
10
25
2.73
2000
105
470
V
T55V477M2R5C0025
117.5
10
25
2.73
2000
105
470
V
T55V477M2R5C0012
117.5
10
12
3.94
2000
105
470
D
T55D477M2R5C0050
117.5
10
50
2.12
2000
125
470
D
T55D477M2R5C0040
117.5
10
40
2.37
2000
125
470
D
T55D477M2R5C0025
117.5
10
25
3.00
2000
125
470
D
T55D477M2R5C0015
117.5
10
15
3.87
2000
125
470
D
T55D477M2R5C0012
117.5
10
12
4.33
2000
125
470
D
T55D477M2R5C0009
117.5
10
9
5.00
2000
125
470
D
T55D477M2R5C0008
117.5
10
8
5.30
2000
125
470
D
T55D477M2R5C0007
117.5
10
7
5.66
2000
125
680
D
T55D687M2R5C0009
170.0
10
9
5.00
2000
125
680
D
T55D687M2R5C0008
170.0
10
8
5.30
2000
125
680
D
T55D687M2R5C0007
170.0
10
7
5.66
2000
125
1000
D
T55D108M2R5C0009
250.0
10
9
5.00
2000
105
1000
D
T55D108M2R5C0008
250.0
10
8
5.30
2000
105
1000
D
T55D108M2R5C0007
250.0
10
7
5.67
2000
105
1000
D
T55D108M2R5C0006
250.0
10
6
6.12
1000
105
Notes
• Termination code “C”: cases C, J, P: 100 % tin, case A, T, B, Z, V, D: Ni / Pd / Au
(1) Rating in development, contact factory for availability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com