Electronic Components Datasheet Search
  English  ▼

X  

T55 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # T55
Description  vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance Type
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T55 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button T55 Datasheet HTML 3Page - Vishay Siliconix T55 Datasheet HTML 4Page - Vishay Siliconix T55 Datasheet HTML 5Page - Vishay Siliconix T55 Datasheet HTML 6Page - Vishay Siliconix T55 Datasheet HTML 7Page - Vishay Siliconix T55 Datasheet HTML 8Page - Vishay Siliconix T55 Datasheet HTML 9Page - Vishay Siliconix T55 Datasheet HTML 10Page - Vishay Siliconix T55 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
T55
www.vishay.com
Vishay Polytech
Upgrade for High Reliability With T56
Revision: 29-Sep-2022
7
Document Number: 40174
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
4 VDC AT +105 °C, 2.7 VDC AT +125 °C
220
B
T55B227M004C0070
88.0
8
70
1.36
2000
105
220
B
T55B227M004C0060
88.0
8
60
1.47
2000
105
220
B
T55B227M004C0055
88.0
8
55
1.53
2000
105
220
B
T55B227M004C0045
88.0
8
45
1.70
2000
105
220
B
T55B227M004C0035
88.0
8
35
1.93
2000
105
220
Z
T55Z227M004C0025
88.0
10
25
2.73
2000
105
220
Z
T55Z227M004C0018
88.0
10
18
3.22
2000
105
220
V
T55V227M004C0055
88.0
10
55
1.84
2000
125
220
V
T55V227M004C0045
88.0
10
45
2.03
2000
125
220
V
T55V227M004C0040
88.0
10
40
2.16
2000
125
220
V
T55V227M004C0035
88.0
10
35
2.31
2000
125
220
V
T55V227M004C0025
88.0
10
25
2.73
2000
125
220
V
T55V227M004C0018
88.0
10
18
3.22
2000
125
220
V
T55V227M004C0015
88.0
10
15
3.53
2000
125
220
D
T55D227M004C0055
88.0
10
55
2.02
2000
125
220
D
T55D227M004C0040
88.0
10
40
2.37
2000
125
220
D
T55D227M004C0025
88.0
10
25
3.00
2000
125
330
Z
T55Z337M004C0025
132.0
10
25
2.73
2000
105
330
Z
T55Z337M004C0018
132.0
10
18
3.22
2000
105
330
V
T55V337M004C0050
132.0
10
50
1.93
2000
105
330
V
T55V337M004C0045
132.0
10
45
2.03
2000
105
330
V
T55V337M004C0040
132.0
10
40
2.16
2000
105
330
V
T55V337M004C0025
132.0
10
25
2.73
2000
105
330
V
T55V337M004C0018
132.0
10
18
3.22
2000
105
330
V
T55V337M004C0015
132.0
10
15
3.53
2000
105
330
D
T55D337M004C0050
132.0
10
50
2.12
2000
125
330
D
T55D337M004C0040
132.0
10
40
2.37
2000
125
330
D
T55D337M004C0025
132.0
10
25
3.00
2000
125
330
D
T55D337M004C0015
132.0
10
15
3.87
2000
125
330
D
T55D337M004C0009
132.0
10
9
5.00
2000
125
330
D
T55D337M004C0008
132.0
10
8
5.30
2000
125
330
D
T55D337M004C0007
132.0
10
7
5.66
2000
125
470
Z
T55Z477M004C0025
188.0
10
25
2.74
2000
105
470
Z
T55Z477M004C0018
188.0
10
18
3.22
2000
105
470
D
T55D477M004C0055
188.0
10
55
2.02
2000
125
470
D
T55D477M004C0050
188.0
10
50
2.12
2000
125
470
D
T55D477M004C0040
188.0
10
40
2.37
2000
125
470
D
T55D477M004C0025
188.0
10
25
3.00
2000
125
470
D
T55D477M004C0018
188.0
10
18
3.53
2000
125
470
D
T55D477M004C0015
188.0
10
15
3.87
2000
125
470
D
T55D477M004C0012
188.0
10
12
4.33
2000
125
470
D
T55D477M004C0009
188.0
10
9
5.00
2000
125
470
D
T55D477M004C0008
188.0
10
8
5.30
2000
125
470
D
T55D477M004C0007
188.0
10
7
5.66
2000
125
680
D
T55D687M004C0025
272.0
10
25
3.00
2000
105
680
D
T55D687M004C0018
272.0
10
18
3.53
2000
105
680
D
T55D687M004C0015
272.0
10
15
3.87
2000
105
680
D
T55D687M004C0009
272.0
10
9
5.00
2000
105
680
D
T55D687M004C0008
272.0
10
8
5.30
2000
105
680
D
T55D687M004C0007
272.0
10
7
5.66
2000
105
680
D
T55D687M004C0006
272.0
10
6
6.12
1000
105
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
AT 25 °C
(μA)
MAX. DF
AT 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(m
Ω)
MAX. RIPPLE
AT 45 °C
100 kHz IRMS
(A)
HIGH
TEMPERATURE
LOAD, TIME
(h)
MAX.
OPERATING
TEMPERATURE
(°C)
Notes
• Termination code “C”: cases C, J, P: 100 % tin, case A, T, B, Z, V, D: Ni / Pd / Au
(1) Rating in development, contact factory for availability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com