Electronic Components Datasheet Search
  English  ▼

X  

T55 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # T55
Description  vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance Type
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T55 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button T55 Datasheet HTML 9Page - Vishay Siliconix T55 Datasheet HTML 10Page - Vishay Siliconix T55 Datasheet HTML 11Page - Vishay Siliconix T55 Datasheet HTML 12Page - Vishay Siliconix T55 Datasheet HTML 13Page - Vishay Siliconix T55 Datasheet HTML 14Page - Vishay Siliconix T55 Datasheet HTML 15Page - Vishay Siliconix T55 Datasheet HTML 16Page - Vishay Siliconix T55 Datasheet HTML 17Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
T55
www.vishay.com
Vishay Polytech
Upgrade for High Reliability With T56
Revision: 29-Sep-2022
13
Document Number: 40174
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
35 VDC AT +105 °C, 23.5 VDC AT +125 °C
22
V
T55V226M035C0070
77.0
10
70
1.63
2000
125
22
D
T55D226M035C0120
77.0
10
120
1.36
2000
125
33
D
T55D336M035C0100
115.5
10
100
1.50
2000
125
33
D
T55D336M035C0065
115.5
10
65
1.86
2000
125
47
D
T55D476M035C0070
164.5
10
70
1.79
2000
105
47
D
T55D476M035C0055
164.5
10
55
2.02
2000
105
50 VDC AT +105 °C, 33.5 VDC AT +125 °C
2.2
B
T55B225M050C0200
11.0
8
200
0.80
2000
105
10
D
T55D106M050C0120
50.0
10
120
1.36
2000
125
10
D
T55D106M050C0090
50.0
10
90
1.58
2000
125
15
D
T55D156M050C0090
75.0
10
90
1.58
2000
105
63 VDC AT +105 °C, 42.2 VDC AT +125 °C
1.0
B
T55B105M063C0200
6.3
8
200
0.80
2000
105
4.7
C
T55C475M063C0200
29.6
10
200
0.90
1000
105
4.7
D
T55D475M063C0100
29.6
10
100
1.50
2000
125
10
D
T55D106M063C0150
63.0
10
150
1.22
2000
105
10
D
T55D106M063C0060
63.0
10
60
1.93
2000
105
RECOMMENDED TEMPERATURE DERATING
RECOMMENDED VOLTAGE DERATING GUIDELINES
CAPACITOR
VOLTAGE RATING
AT -55 °C TO +105 °C
CAPACITOR
CATEGORY VOLTAGE
AT +105 °C TO +125 °C
RECOMMENDED
VOLTAGE DERATING
AT -55 °C TO +105 °C
RECOMMENDED
VOLTAGE DERATING
AT +105 °C TO +125 °C
2.5
1.7
2.3
1.5
4
2.7
3.6
2.4
6.3
4.2
5.7
3.8
7
4.7
6.3
4.2
10
6.7
9
6.0
12.5
8.4
10
6.8
16
10.7
12.8
8.6
20
13.4
16
10.8
25
16.8
20
13.5
35
23.5
28
18.9
50
33.5
40
27.0
63
42.2
50
34
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
AT 25 °C
(μA)
MAX. DF
AT 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(m
Ω)
MAX. RIPPLE
AT 45 °C
100 kHz IRMS
(A)
HIGH
TEMPERATURE
LOAD, TIME
(h)
MAX.
OPERATING
TEMPERATURE
(°C)
Notes
• Termination code “C”: cases C, J, P: 100 % tin, case A, T, B, Z, V, D: Ni / Pd / Au
(1) Rating in development, contact factory for availability
10
1000
10000
50
55
60
65
70
75
80
85
90
95
100
-55
25
45
85
105
125
Temperature (°C)
100
67 %
54 %
60 %
Recommended maximum
application voltage V
R > 10 V
Rated voltage
Recommended maximum
application voltage V
R ≤ 10 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com