Electronic Components Datasheet Search
  English  ▼

X  

T55 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # T55
Description  vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance Type
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T55 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button T55 Datasheet HTML 6Page - Vishay Siliconix T55 Datasheet HTML 7Page - Vishay Siliconix T55 Datasheet HTML 8Page - Vishay Siliconix T55 Datasheet HTML 9Page - Vishay Siliconix T55 Datasheet HTML 10Page - Vishay Siliconix T55 Datasheet HTML 11Page - Vishay Siliconix T55 Datasheet HTML 12Page - Vishay Siliconix T55 Datasheet HTML 13Page - Vishay Siliconix T55 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
T55
www.vishay.com
Vishay Polytech
Upgrade for High Reliability With T56
Revision: 29-Sep-2022
10
Document Number: 40174
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
6.3 VDC AT +105 °C, 4.2 VDC AT +125 °C
330
D
T55D337M6R3C0055
207.9
10
55
2.02
2000
125
330
D
T55D337M6R3C0050
207.9
10
50
2.12
2000
125
330
D
T55D337M6R3C0045
207.9
10
45
2.23
2000
125
330
D
T55D337M6R3C0040
207.9
10
40
2.37
2000
125
330
D
T55D337M6R3C0025
207.9
10
25
3.00
2000
125
330
D
T55D337M6R3C0018
207.9
10
18
3.53
2000
125
330
D
T55D337M6R3C0015
207.9
10
15
3.87
2000
125
330
D
T55D337M6R3C0012
207.9
10
12
4.33
2000
125
330
D
T55D337M6R3C0009
207.9
10
9
5.00
2000
125
330
D
T55D337M6R3C0008
207.9
10
8
5.30
2000
125
330
D
T55D337M6R3C0007
207.9
10
7
5.66
2000
125
470
V
T55V477M6R3C0055
296.1
10
55
1.84
2000
105
470
V
T55V477M6R3C0050
296.1
10
50
1.93
2000
105
470
D
T55D477M6R3C0030
296.1
10
30
2.73
2000
105
470
D
T55D477M6R3C0025
296.1
10
25
3.00
2000
105
470
D
T55D477M6R3C0018
296.1
10
18
3.53
2000
105
470
D
T55D477M6R3C0015
296.1
10
15
3.87
2000
105
470
D
T55D477M6R3C0009
296.1
10
9
5.00
2000
105
470
D
T55D477M6R3C0008
296.1
10
8
5.30
2000
105
470
D
T55D477M6R3C0007
296.1
10
7
5.66
2000
105
680
D
T55D687M6R3C0025
428.4
10
25
3.00
2000
105
7 VDC AT +105 °C, 4.7 VDC AT +125 °C
100
A
T55A107M007C0070
70.0
10
70
1.28
1000
105
470
D
T55D477M007C0025
329.0
10
25
3.00
2000
105
10 VDC AT +105 °C, 6.7 VDC AT +125 °C
3.3
J
T55J335M010C0500
10.0
10
500
0.32
1000
105
3.3
P
T55P335M010C0500
5.0
10
500
0.36
1000
105
4.7
P
T55P475M010C0500
10.0
10
500
0.36
1000
105
4.7
P
T55P475M010C0200
10.0
10
200
0.56
1000
105
4.7
A
T55A475M010C0500
4.7
10
500
0.48
1000
105
4.7
A
T55A475M010C0300
4.7
10
300
0.61
1000
105
4.7
A
T55A475M010C0200
4.7
10
200
0.76
1000
105
6.8
A
T55A685M010C0500
6.8
10
500
0.48
1000
105
6.8
A
T55A685M010C0300
6.8
10
300
0.61
1000
105
6.8
A
T55A685M010C0200
6.8
10
200
0.76
1000
105
10
P (1)
T55P106M010C0200
30.0
10
200
0.56
2000
105
10
A
T55A106M010C0500
10.0
10
500
0.48
1000
105
10
A
T55A106M010C0300
10.0
10
300
0.61
1000
105
10
A
T55A106M010C0200
10.0
10
200
0.76
1000
105
15
A
T55A156M010C0500
15.0
10
500
0.48
1000
105
15
A
T55A156M010C0200
15.0
10
200
0.76
1000
105
22
A
T55A226M010C0500
22.0
10
500
0.48
1000
105
22
A
T55A226M010C0200
22.0
10
200
0.76
1000
105
22
A
T55A226M010C0080
22.0
10
80
1.19
1000
105
22
T
T55T226M010C0200
22.0
10
200
0.72
1000
105
22
T
T55T226M010C0150
22.0
10
150
0.84
1000
105
22
T
T55T226M010C0070
22.0
10
70
1.22
1000
105
22
B
T55B226M010C0300
22.0
8
300
0.66
1000
125
22
B
T55B226M010C0200
22.0
8
200
0.81
1000
125
22
B
T55B226M010C0150
22.0
8
150
0.93
1000
125
22
B
T55B226M010C0070
22.0
8
70
1.36
1000
125
33
A
T55A336M010C0500
33.0
10
500
0.48
1000
105
33
A
T55A336M010C0200
33.0
10
200
0.76
1000
105
33
A
T55A336M010C0150
33.0
10
150
0.88
1000
105
33
A
T55A336M010C0070
33.0
10
70
1.28
1000
105
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
AT 25 °C
(μA)
MAX. DF
AT 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(m
Ω)
MAX. RIPPLE
AT 45 °C
100 kHz IRMS
(A)
HIGH
TEMPERATURE
LOAD, TIME
(h)
MAX.
OPERATING
TEMPERATURE
(°C)
Notes
• Termination code “C”: cases C, J, P: 100 % tin, case A, T, B, Z, V, D: Ni / Pd / Au
(1) Rating in development, contact factory for availability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com