Electronic Components Datasheet Search
  English  ▼

X  

AN213924 Datasheet(PDF) 44 Page - Infineon Technologies AG

Part # AN213924
Description  PSoC 6 MCU: CY8C61x5 Datasheet
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AN213924 Datasheet(HTML) 44 Page - Infineon Technologies AG

Back Button AN213924 Datasheet HTML 40Page - Infineon Technologies AG AN213924 Datasheet HTML 41Page - Infineon Technologies AG AN213924 Datasheet HTML 42Page - Infineon Technologies AG AN213924 Datasheet HTML 43Page - Infineon Technologies AG AN213924 Datasheet HTML 44Page - Infineon Technologies AG AN213924 Datasheet HTML 45Page - Infineon Technologies AG AN213924 Datasheet HTML 46Page - Infineon Technologies AG AN213924 Datasheet HTML 47Page - Infineon Technologies AG AN213924 Datasheet HTML 48Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 74 page
background image
Document Number: 002-30703 Rev. *F
Page 43 of 73
PSoC 6 MCU: CY8C61x5 Datasheet
XRES
GPIO
Hibernate Mode
SIDHIB1
IDD34
VDDD = 1.8 V
–
300
–
nA
No clocks running
SIDHIB2
IDD34A
VDDD = 3.3 V
–
800
–
nA
No clocks running
Power Mode Transition Times
SID12
TLPACT_ACT
Minimum regulator current to LP transition
time
–
–
35
µs
Including PLL lock time
SID13
TDS_LPACT
Deep Sleep to LP transition time
–
–
15
µs
Guaranteed by design
SID14
THIB_ACT
Hibernate to LP transition time
–
2000
–
µs
Including PLL lock time
Table 14. CPU Current and Transition Times (continued)
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details / Conditions
Table 15. XRES DC Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details / Conditions
SID17
TXRES_IDD
IDD when XRES asserted
–300
–
nA
VDDD = 1.8 V
SID17A
TXRES_IDD_1
IDD when XRES asserted
–800
–
nA
VDDD = 3.3 V
SID77
VIH
Input voltage HIGH threshold
0.7 * VDD
––
V
CMOS input
SID78
VIL
Input voltage LOW threshold
––
0.3 * VDD
V
CMOS input
SID80
CIN
Input capacitance
–3
–
pF
–
SID81
VHYSXRES
Input voltage hysteresis
–100
–
mV
–
SID82
IDIODE
Current through protection diode to
VDD/VSS
––
100
µA
–
Table 16. XRES AC Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details / Conditions
SID15
TXRES_ACT
POR or XRES release to Active
transition time
–
2000
–
µs
Normal mode, 50-MHz
CM0+
SID16
TXRES_PW
XRES pulse width
5–
–
µs
–
Table 17. GPIO DC Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details / Conditions
SID57
VIH
Input voltage HIGH threshold
0.7 * VDD
–
–
V
CMOS Input
SID57A
IIHS
Input current when Pad > VDDIO for
OVT inputs
–
–
10
µA
Per I2C Spec
SID58
VIL
Input voltage LOW threshold
–
–
0.3 * VDD
V
CMOS Input
SID241
VIH
LVTTL input, VDD < 2.7 V
0.7 * VDD
–
–
V
–
SID242
VIL
LVTTL input, VDD < 2.7 V
–
–
0.3 * VDD
V
–
SID243
VIH
LVTTL input, VDD ≥ 2.7 V
2.0
–
–
V
–
SID244
VIL
LVTTL input, VDD ≥ 2.7 V
–
–
0.8
V
–
SID59
VOH
Output voltage HIGH level
VDD –0.5
–
–
V
IOH = 8 mA
SID62A
VOL
Output voltage LOW level
–
–
0.4
V
IOL = 8 mA
SID63
RPULLUP
Pull-up resistor
3.5
5.6
8.5
kΩ
–
SID64
RPULLDOWN
Pull-down resistor
3.5
5.6
8.5
kΩ
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com