Electronic Components Datasheet Search
  English  ▼

X  

AN213924 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # AN213924
Description  PSoC 6 MCU: CY8C61x5 Datasheet
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AN213924 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button AN213924 Datasheet HTML 17Page - Infineon Technologies AG AN213924 Datasheet HTML 18Page - Infineon Technologies AG AN213924 Datasheet HTML 19Page - Infineon Technologies AG AN213924 Datasheet HTML 20Page - Infineon Technologies AG AN213924 Datasheet HTML 21Page - Infineon Technologies AG AN213924 Datasheet HTML 22Page - Infineon Technologies AG AN213924 Datasheet HTML 23Page - Infineon Technologies AG AN213924 Datasheet HTML 24Page - Infineon Technologies AG AN213924 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
Document Number: 002-30703 Rev. *F
Page 20 of 73
PSoC 6 MCU: CY8C61x5 Datasheet
Figure 18 shows the high-level software overview. Cypress
provides middleware libraries for CapSense, ADC, and IDAC on
GitHub to enable quick integration. The Board Support Package
for any kit with CapSense capabilities automatically includes the
CapSense library in any application that uses the BSP.
User applications interact only with middleware to implement
functions of the CSD block. The middleware interacts with
underlying drivers to access hardware as necessary. The CSD
driver facilitates time-multiplexing of the CSD hardware if more
than one piece of CSD-related middleware is present in a project.
It prevents access conflicts in this case.
ModusToolbox Software provides a CapSense configurator to
enable fast library configuration. It also provides a tuner for
performance evaluation and real-time tuning of the system. The
tuner requires an EZI2C communication interface in the
application to enable real-time tuning capability. The tuner can
update configuration parameters directly in the device as well as
in the configurator.
CapSense and ADC middleware use the CSD interrupt to
implement non-blocking sensing and A-to-D conversion.
Therefore, interrupt service routines are a defined part of the
middleware, which must be initialized by the application.
Middleware and drivers can operate on either CPU. Cypress
recommends using the middleware only in one CPU. If both
CPUs must access the CSD driver, memory access should be
managed in the application.
Refer to AN85951: PSoC 4 and PSoC 6 MCU CapSense Design
Guide for more details on CSX sensing, CSD sensing, shield
electrode usage and its benefits, and capacitive system design
guidelines.
Refer to the API reference guides for CapSense, ADC, and IDAC
available on GitHub.
Figure 8. CapSense Software/Firmware Subsystem
Tuner
CSD Driver
GPIO / Clock
Drivers
CSD Block
GPIOs / Clock
SCB
SCB Driver
(EZI2C)
Configuration
Hardware and Drivers
Middleware
Software
Application Program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com