Electronic Components Datasheet Search
  English  ▼

X  

AN213924 Datasheet(PDF) 64 Page - Infineon Technologies AG

Part # AN213924
Description  PSoC 6 MCU: CY8C61x5 Datasheet
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AN213924 Datasheet(HTML) 64 Page - Infineon Technologies AG

Back Button AN213924 Datasheet HTML 60Page - Infineon Technologies AG AN213924 Datasheet HTML 61Page - Infineon Technologies AG AN213924 Datasheet HTML 62Page - Infineon Technologies AG AN213924 Datasheet HTML 63Page - Infineon Technologies AG AN213924 Datasheet HTML 64Page - Infineon Technologies AG AN213924 Datasheet HTML 65Page - Infineon Technologies AG AN213924 Datasheet HTML 66Page - Infineon Technologies AG AN213924 Datasheet HTML 67Page - Infineon Technologies AG AN213924 Datasheet HTML 68Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 74 page
background image
Document Number: 002-30703 Rev. *F
Page 63 of 73
PSoC 6 MCU: CY8C61x5 Datasheet
JTAG Boundary Scan Parameters for 0.9 V (ULP) Mode Operation:
SID468A
TCKLOW
TCK low
102
–
–
ns
–
SID469A
TCKHIGH
TCK high
20
–
–
ns
–
SID470A
TCK_TDO
TCK falling edge to output valid
–
80
ns
–
SID471A
TSU_TCK
Input valid to TCK rising edge
22
–
–
ns
–
SID472A
TCk_THD
Input hold time to TCK rising edge
20
–
–
ns
–
SID473A
TCK_TDOV
TCK falling edge to output valid (high-Z
to active).
80
–
–
ns
–
SID474A
TCK_TDOZ
TCK falling edge to output valid (active
to high-Z).
80
–
–
ns
–
Table 47. JTAG Boundary Scan (continued)
Spec ID#
Parameter
Min
Typ
Max Units Details / Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com