Electronic Components Datasheet Search
  English  ▼

X  

AN213924 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # AN213924
Description  PSoC 6 MCU: CY8C61x5 Datasheet
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AN213924 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button AN213924 Datasheet HTML 9Page - Infineon Technologies AG AN213924 Datasheet HTML 10Page - Infineon Technologies AG AN213924 Datasheet HTML 11Page - Infineon Technologies AG AN213924 Datasheet HTML 12Page - Infineon Technologies AG AN213924 Datasheet HTML 13Page - Infineon Technologies AG AN213924 Datasheet HTML 14Page - Infineon Technologies AG AN213924 Datasheet HTML 15Page - Infineon Technologies AG AN213924 Datasheet HTML 16Page - Infineon Technologies AG AN213924 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
Document Number: 002-30703 Rev. *F
Page 12 of 73
PSoC 6 MCU: CY8C61x5 Datasheet
System Resources
Power System
The power system provides assurance that voltage levels are as
required for each respective mode and will either delay mode
entry (on power-on reset (POR), for example) until voltage levels
are as required for proper function or generate resets (brown-out
detect (BOD)) when the power supply drops below specified
levels. The design guarantees safe chip operation between
power supply voltage dropping below specified levels (for
example, below 1.7 V) and the reset occurring. There are no
voltage sequencing requirements.
The VDDD supply (1.7 to 3.6 V) powers an on-chip buck regulator
or a low-dropout regulator (LDO), selectable by the user. In
addition, both the buck and the LDO offer a selectable (0.9 or
1.1 V) core operating voltage (VCCD). The selection lets users
choose between two system power modes:
■ System Low Power (LP) operates VCCD at 1.1 V and offers high
performance, with no restrictions on device configuration.
■ System Ultra Low Power (ULP) operates VCCD at 0.9 V for
exceptional low power, but imposes limitations on clock
speeds.
In addition, a backup domain adds an “always on” functionality
using a separate power domain supplied by a backup supply
(VBACKUP) such as a battery or supercapacitor.
It includes a real-time clock (RTC) with alarm feature, supported
by a 32.768-kHz watch crystal oscillator (WCO), and
power-management IC (PMIC) control. Refer to Power Supply
Considerations for more details.
Power Modes
PSoC 6 MCU can operate in four system and three CPU power
modes. These modes are intended to minimize the average
power consumption in an application. For more details on power
modes and other power-saving configuration options, see the
application note, AN219528: PSoC 6 MCU Low-Power Modes
and Power Reduction Techniques and the Architecture TRM,
Power Modes chapter .
Power modes supported by PSoC 6 MCUs, in order of
decreasing power consumption, are:
■ System Low Power (LP) – All peripherals and CPU power
modes are available at maximum speed
■ System Ultra Low Power (ULP) – All peripherals and CPU
power modes are available, but with limited speed
■ CPU Active – CPU is executing code in system LP or ULP mode
■ CPU Sleep – CPU code execution is halted in system LP or
ULP mode
■ CPU Deep Sleep – CPU code execution is halted and system
Deep Sleep is requested in system LP or ULP mode
■ System Deep Sleep – Only low-frequency peripherals are
available after both CPUs enter CPU Deep Sleep mode
■ System Hibernate – Device and I/O states are frozen and the
device resets on wakeup
CPU Active, Sleep, and Deep Sleep are standard Arm-defined
power modes supported by the Arm CPU instruction set
architecture (ISA). System LP, ULP, Deep Sleep and Hibernate
modes are additional low-power modes supported by PSoC 6
MCU.
Clock System
Figure 15 shows that the clock system of this product line
consists of the following:
■ Internal main oscillator (IMO)
■ Internal low-speed oscillator (ILO)
■ Watch crystal oscillator (WCO)
■ External MHz crystal oscillator (ECO)
■ External clock input
■ One phase locked-loop (PLL)
■ One frequency-locked loop (FLL)
Clocks may be buffered and brought out to a pin on a Smart I/O
port.
The default clocking when the application starts is CLK_HF[0]
being driven by the IMO and the FLL. CLK_HF[0], clk_fast,
clk_peri, and clk_slow are all either 50 MHz (LP mode) or 25 MHz
(ULP mode). All other clocks, including all peripheral clocks, are
off.
Internal Main Oscillator (IMO)
The IMO is the primary source of internal clocking. It is trimmed
at the factory to achieve the specified accuracy. The IMO
frequency is 8 MHz and tolerance is ± 2%.
The IMO can operate in system Deep Sleep mode to drive the
LCD block for better contrast (and higher power) than is possible
with the 32-kHz mode.
Internal Low-Speed Oscillator (ILO)
The ILO is a very low power oscillator, nominally 32 kHz, which
operates in all power modes. The ILO can be calibrated against
a higher accuracy clock for better accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com