Electronic Components Datasheet Search
  English  ▼

X  

ISL68233IRAZ Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL68233IRAZ
Description  Digital Dual Output, 5-Phase Controller
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68233IRAZ Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL68233IRAZ Datasheet HTML 2Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 3Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 4Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 5Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 6Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 7Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 8Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 9Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 103 page
background image
ISL68222, ISL68233
1. Overview
R16DS0036EU0100 Rev.1.00
Page 6 of 102
Oct.1.20
1.
Overview
1.1
Typical Applications
Figure 1. ISL68222 4+1 Solution Using Smart Power Stage
10µF
1µF
PWM
IREFIN
TOUT/FLT
LSET
IOUT
PVCC
VCC
BOOT
PHASE
SW
GND
VIN
0.1µF
2x22µF
12V
5V
PWM
IREFIN
TOUT/FLT
LSET
IOUT
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1µF
2x22µF
12V
5V
PWM
IREFIN
TOUT/FLT
LSET
IOUT
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1µF
2x22µF
12V
5V
PWM
IREFIN
TOUT/FLT
LSET
IOUT
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1µF
2x22µF
12V
5V
470pF
470pF
470pF
470pF
470pF
100
ISL99380
ISL99380
ISL99380
ISL99380
3.3V
GND
GND
GND
0.1µF
0.1µF
0.1µF
0.1µF
EN
EN
EN
EN
VCC
VCCS
TEMP0
RGND0
VSEN0
nPMALERT
PMSDA
PMSCL
PWM0
CSRTN0
CS0
PWM1
CSRTN1
CS1
PWM2
CSRTN2
CS2
PWM3
CSRTN3
CS3
ISL68222
PG0
nVRHOT
CONFIG
ADDRESS
CFP
COUT
3300pF
100
100
100
100
VOS
VOS
VOS
VOS
0.01µF
10k
40.2k
5V
VMON
RGND1
VSEN1
470pF
COUT
470pF
PWM4
CSRTN4
CS4
TEMP1
100
3300pF
12V
5V
0.1µF
PWM
IREFIN
TMON
FAULT#
IMON
PVCC
VCC
BOOT
PHASE
SW
GND
VIN
0.1µF
2x22µF
ISL99360
LGCTRL
PG1
EN1
1k OUT1
ENABLE
OUT0
ENABLE
EN0
OUT0
OUT1
0.1µF
12V
VINSEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com