Electronic Components Datasheet Search
  English  ▼

X  

ISL68233IRAZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL68233IRAZ
Description  Digital Dual Output, 5-Phase Controller
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68233IRAZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL68233IRAZ Datasheet HTML 1Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 2Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 3Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 4Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 5Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 6Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 7Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 8Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 103 page
background image
R16DS0036EU0100 Rev.1.00
Page 1 of 102
Oct.1.20
ISL68222, ISL68233
Digital Dual Output, 5-Phase Controller
Datasheet
The ISL68222 and ISL68233 are digital dual output
multiphase (X+Y ≤ 5) PWM controllers supporting
PMBus V1.3/AVSBus interfaces. The controllers can
be configured to support any phase assignments up
to a maximum of five phases across the two outputs
(X and Y). For example, 4+1, 3+2, 3+1, 1+1, or a
single output operation as a 5+0 configuration is
supported. Increased power density and PMBus V1.3
interface support allow the ISL68222 and ISL68233 to
support any demanding power supply requirement.
The ISL68233 with AVSBus complements PMBus by
providing a common high-speed interface to
accelerate point-to-point communication between the
controller and load to statically and dynamically
control the processor voltage and deliver a balanced,
power efficient design.
The ISL68222 and ISL68233 use the proprietary
Renesas digital synthetic current modulation scheme
to achieve the industry-best combination of transient
response, ease of tuning, and efficiency across the
full load range. Diode emulation and automatic phase
add/drop features allow you to extract maximum
efficiency from the converter regardless of load
conditions. You can use the intuitive Renesas
PowerNavigator™ software to configure and monitor
the device.
With minimal external components, easy
configuration, robust fault management, and highly
accurate regulation capability, implementing a
high-performance, multiphase regulator has never
been easier.
Applications
• DDR memory solutions
• Artificial intelligence/accelerator cards (FPGA,
ASIC)
• Network equipment
• Server/storage equipment
• Telecom/datacom equipment
• Point-of-load power supply (memory, DSP, ASIC,
FPGA)
Features
• Advanced linear digital modulation scheme
○ Auto phase add/drop with PFM mode for
excellent load vs efficiency profile
○ Dual edge modulation with optional diode braking
for faster transient response
○ Excellent VOUT transition performance
○ Zero latency synthetic current control for excellent
high frequency current balance
• Flexible phase assignment from 0 to 5 phases per
output
• Up to 2MHz switching frequency operation for high
density designs
• Differential remote voltage sensing supports ±0.5%
closed-loop system accuracy over load, line, and
temperature
• Highly accurate current sensing for excellent
load-line regulation and accurate OCP
○ Supports the full range of Renesas Smart Power
Stage (SPS) devices
• Comprehensive fault management enables high
reliability systems
○ Pulse-by-pulse (per phase) and total output
current limiting
○ Black Box status recording capability with first
fault indicator
• Intuitive configuration using PowerNavigator
• SMBus/PMBus V1.3 compatible
• Up to 16 user configurations stored in device
Non-Volatile Memory (NVM)
Related Literature
For a full list of related documents, visit our website:
• ISL68222 and ISL68233 device pages


Similar Part No. - ISL68233IRAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL68233 RENESAS-ISL68233 Datasheet
1Mb / 98P
Digital Dual Output, 2-Phase PWM Controller
Oct.1.20
ISL68233 RENESAS-ISL68233 Datasheet
1Mb / 98P
Digital Triple Output, 3-Phase PWM Controller
Oct.1.20
ISL68233 RENESAS-ISL68233 Datasheet
1Mb / 97P
Digital Triple Output, 6-Phase PWM Controller
Oct.1.20
ISL68233 RENESAS-ISL68233 Datasheet
2Mb / 107P
Digital Dual Output, 9-Phase PWM Controller
Oct.1.20
ISL68233 RENESAS-ISL68233 Datasheet
1Mb / 96P
Digital Triple Output, 8-Phase PWM Controller
Oct.1.20
More results

Similar Description - ISL68233IRAZ

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3564A IRF-IR3564A Datasheet
392Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3565A IRF-IR3565A Datasheet
358Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3566A IRF-IR3566A Datasheet
379Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3567A IRF-IR3567A Datasheet
363Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3564A IRF-IR3564A_15 Datasheet
419Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3565A IRF-IR3565A_15 Datasheet
355Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3566A IRF-IR3566A_15 Datasheet
413Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3567A IRF-IR3567A_15 Datasheet
399Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3584 IRF-IR3584_15 Datasheet
235Kb / 5P
Dual Output Digital Multi-Phase Controller
logo
List of Unclassifed Man...
IR3567B ETC-IR3567B Datasheet
530Kb / 2P
Dual Output Digital Multi-Phase Controller
August 1, 2013 - V1.04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com