Electronic Components Datasheet Search
  English  ▼

X  

ISL68233IRAZ Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL68233IRAZ
Description  Digital Dual Output, 5-Phase Controller
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68233IRAZ Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL68233IRAZ Datasheet HTML 10Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 11Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 12Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 13Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 14Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 15Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 16Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 17Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 103 page
background image
ISL68222, ISL68233
2. Specifications
R16DS0036EU0100 Rev.1.00
Page 14 of 102
Oct.1.20
Power-On Reset (POR)
VCC Brownout Threshold
2.95
V
VCCS Rising POR Threshold
1V
VCCS Falling POR Threshold
0.9
V
Enable Input High Level
2.0
V
Enable Input Low Level
0.8
V
Configurations Stored in Memory
Number of Configuration Write Slots
28
Number of Unique Configurations Stored
16
POR to Initialization
POR to Initialization Complete Time
15
ms
Output Voltage Characteristics
System Accuracy
Note 6, closed loop
VOUT set-point = 1.00V to 3.05V
-0.5
0.5
%
Note 6, closed loop
VOUT set-point = 0.8V to 0.999V
-5
5
mV
Note 6, closed loop
VOUT set-point = 0.25V to 0.799V
-8
+8
mV
Voltage Sense Amplifier
Open Sense Current
Only at VSEN open detection during
initialization period
220
µA
Input Impedance (VSEN - RGND)
140
kΩ
Maximum Common-Mode Input
VCC - 0.2
V
Differential Input Range (VSEN - RGND)
3.05
V
Output Current-Sense and Overcurrent Protection
Current-Sense Accuracy
SPS configuration
-1
1
%
Average Overcurrent Threshold
Resolution
0.1
A
Cycle-by-Cycle Current Limiting
Threshold Resolution
0.4
A
Digital Droop
Droop Resolution
0.01
mV/A
Oscillators
Accuracy of Switching Frequency Setting
±2
%
Switching Frequency Range
0.2
2.0
MHz
Soft-Start Rate and VOUT Transition Rate
Minimum Soft-Start Ramp Rate
Programmable minimum rate
0.01
mV/µs
Maximum Soft-Start Ramp Rate
Programmable maximum rate
100
mV/µs
Soft-Start Ramp Rate Accuracy
±2
%
Minimum VOUT Transition Rate
0.01
mV/µs
Maximum Fast VOUT Transition Rate
100
mV/µs
VOUT Transition Rate Accuracy
-4
4
%
Recommended operating conditions, VCC = 3.3V, unless otherwise specified. Boldface limits apply across the operating ambient
temperature range -40°C to +85°C. (Continued)
Parameter
Test Conditions
Min
(Note 7)Typ
Max
(Note 7)Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com