Electronic Components Datasheet Search
  English  ▼

X  

ISL68233IRAZ Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # ISL68233IRAZ
Description  Digital Dual Output, 5-Phase Controller
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68233IRAZ Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button ISL68233IRAZ Datasheet HTML 87Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 88Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 89Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 90Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 91Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 92Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 93Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 94Page - Renesas Technology Corp ISL68233IRAZ Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 103 page
background image
ISL68222, ISL68233
10. PMBus Command Detail
R16DS0036EU0100 Rev.1.00
Page 91 of 102
Oct.1.20
10.88 SLOW_IOUT_OC_LIMIT (EAh)
Definition: Sets the slow sum output overcurrent fault threshold. 100mA per LSB. A value of 0 disables this
function.
Access: Paged
Data Length in Bytes: 2
Data Format: Direct
Type: R/W
Default Value: C8h (20A)
Units: A
Equation: Slow IOUT OC Limit = (Direct value) / 10
Range: 0A to 3276A
10.89 FAST_OC_FILT_COUNT (EBh)
Definition: Sets the fast sum output overcurrent fault filter settings.
Access: Paged
Data Length in Bytes: 2
Data Format: Bit Field
Type: R/W
Default Value: 0696h (Filter = 10.6µs, Delay = 100µs)
Command
SLOW_IOUT_OC_LIMIT (EAh)
Format
Direct
Bit Position
15
14
13
12
11
10
987
6543
210
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
Two’s Complement Integer
Default Value
0000
00001
1001
000
Command
FAST_OC_FILT_COUNT (EBh)
Format
Bit Field
Bit Position
15
14
13
12
11
10
987
6543
210
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
See Following Table
Default Value
0000
01101
0010
110
Bit Number
Purpose
Setting
15:12
Not Used
Not used
11:8
Filter Setting
Time constant = 166.7ns * 2^direct value. Range is 167ns to 5.46ms.
7:0
Delay Setting
Delay 0.667µs * direct value before a fault is generated. Range is 0µs to 170µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com