Electronic Components Datasheet Search
  English  ▼

X  

OPA1677DBVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1677DBVT
Description  OPA167x Low-Distortion Audio Operational Amplifiers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA1677DBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA1677DBVT Datasheet HTML 4Page - Texas Instruments OPA1677DBVT Datasheet HTML 5Page - Texas Instruments OPA1677DBVT Datasheet HTML 6Page - Texas Instruments OPA1677DBVT Datasheet HTML 7Page - Texas Instruments OPA1677DBVT Datasheet HTML 8Page - Texas Instruments OPA1677DBVT Datasheet HTML 9Page - Texas Instruments OPA1677DBVT Datasheet HTML 10Page - Texas Instruments OPA1677DBVT Datasheet HTML 11Page - Texas Instruments OPA1677DBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
6.7 Electrical Characteristics
at VS = ±15 V, TA = 25°C, RL = 2 kΩ, and VCM = VOUT = midsupply (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AUDIO PERFORMANCE
THD+N
Total harmonic distortion + noise
G = 1, RL = 600 Ω, f = 1 kHz, VO = 3 VRMS
0.0001%
–120
dB
IMD
Intermodulation distortion
G = 1
VO = 3 VRMS
SMPTE/DIN two-tone, 4:1
(60 Hz and 7 kHz)
0.0001%
–120
dB
DIM 30
(3-kHz square wave and
15-kHz sine wave)
0.0001%
–120
dB
CCIF twin-tone
(19 kHz and 20 kHz)
0.0001%
–120
dB
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
G = 1
16
MHz
SR
Slew rate
G = –1
9
V/µs
Full power bandwidth(1)
VO = 1 VP
1.4
MHz
Overload recovery time
G = –10
1
µs
Channel separation (dual and quad)
f = 1 kHz
–130
dB
NOISE
en
Input voltage noise
f = 20 Hz to 20 kHz
5.4
µVPP
f = 0.1 Hz to 10 Hz
1.74
Input voltage noise density
f = 1 kHz
4.5
nV/√Hz
in
Input current noise density
f = 1 kHz
3
fA/√Hz
OFFSET VOLTAGE
VOS
Input offset voltage
VS = ±2.25 V to ±18 V
±0.5
±2
mV
VS = ±2.25 V to ±18 V, TA = –40°C to 125°C(2)
2
µV/°C
PSRR
Power-supply rejection ratio
VS = ±2.25 V to ±18 V
3
8
µV/V
INPUT BIAS CURRENT
IB
Input bias current
VCM = 0 V
±10
pA
IOS
Input offset current
VCM = 0 V
±10
pA
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
(V–)+0.5
(V+) – 2
V
CMRR
Common-mode rejection ratio
100
110
dB
INPUT IMPEDANCE
Differential
100 || 6
MΩ || pF
Common-mode
6000 || 2
GΩ || pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
(V–) + 0.8 V ≤ VO ≤ (V+) – 0.8 V
106
114
dB
OUTPUT
VO
Output voltage
(V–) + 0.8
(V+) – 0.8
V
IOUT
Output Current
See Section 6.8
mA
ZO
Open-loop output impedance
f = 1 MHz
See Section 6.8
Ω
ISC
Short-circuit current(3)
±50
mA
CL
Capacitive load drive
100
pF
POWER SUPPLY
IQ
Quiescent current (per channel)
IO = 0 A
2
2.5
mA
IO = 0 A, TA = –40°C to 125°C(2)
2.8
(1)
Full-power bandwidth = SR / (2π ×VP), where SR = slew rate.
(2)
Specified by design and characterization.
(3)
One channel at a time.
OPA1677, OPA1678, OPA1679
SBOS855E – JANUARY 2017 – REVISED DECEMBER 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA1677 OPA1678 OPA1679



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com