Electronic Components Datasheet Search
  English  ▼

X  

OPA1677DBVT Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1677DBVT
Description  OPA167x Low-Distortion Audio Operational Amplifiers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA1677DBVT Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA1677DBVT Datasheet HTML 15Page - Texas Instruments OPA1677DBVT Datasheet HTML 16Page - Texas Instruments OPA1677DBVT Datasheet HTML 17Page - Texas Instruments OPA1677DBVT Datasheet HTML 18Page - Texas Instruments OPA1677DBVT Datasheet HTML 19Page - Texas Instruments OPA1677DBVT Datasheet HTML 20Page - Texas Instruments OPA1677DBVT Datasheet HTML 21Page - Texas Instruments OPA1677DBVT Datasheet HTML 22Page - Texas Instruments OPA1677DBVT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
8.2 Typical Applications
8.2.1 Phantom-Powered Preamplifier for Piezo Contact Microphones
Contact microphones are useful for amplifying the sound of musical instruments that do not contain electric
pickups, such as acoustic guitars and violins. Most contact microphones use a piezo element to convert
vibrations in the body of the musical instrument to a voltage which can be amplified or recorded. The low noise
and low input bias current of the OPA1678 make the device an excellent choice for high impedance preamplifiers
for piezo elements. This preamplifier circuit provides high input impedance for the piezo element but has low
output impedance for driving long cable runs. The circuit is also designed to be powered from 48-V phantom
power which is commonly available in professional microphone preamplifiers and recording consoles.
A TINA-TI™ simulation schematic of the circuit below is available in the Tools and Software section of the
OPA1678 or OPA1679 product folder.
VS+
VOUT
VS±
+
±
R7 2 k
R8
442
C3 390 pF
R9 2 k
+
±
R10
100
C5
22 F
R11
100
C6
22 F
R5
100 k
R3
1 M
C1
22 F +
R1
1.2 k
Piezo
Contact
Microphone
R4
1 M
R6
100 k
C4 390 pF
R12
100 k
R13
100 k
½ OPA1678
½ OPA1678
To
Microphone
Preamplifier
R2
1.2 k
R14
100
TPD1E1B04
R15
100
ZD1
24 V
C2
0.1 F
Figure 8-1. Phantom-Powered Preamplifier for Piezo Contact Microphones
8.2.1.1 Design Requirements
• –3-dB bandwidth: 20 Hz to 20 kHz
• Gain: 20 dB (10 V/V)
• Piezo element capacitance: 8 nF (9-kHz resonance)
www.ti.com
OPA1677, OPA1678, OPA1679
SBOS855E – JANUARY 2017 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: OPA1677 OPA1678 OPA1679



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com