Electronic Components Datasheet Search
  English  ▼

X  

OPA1677DBVT Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1677DBVT
Description  OPA167x Low-Distortion Audio Operational Amplifiers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA1677DBVT Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA1677DBVT Datasheet HTML 16Page - Texas Instruments OPA1677DBVT Datasheet HTML 17Page - Texas Instruments OPA1677DBVT Datasheet HTML 18Page - Texas Instruments OPA1677DBVT Datasheet HTML 19Page - Texas Instruments OPA1677DBVT Datasheet HTML 20Page - Texas Instruments OPA1677DBVT Datasheet HTML 21Page - Texas Instruments OPA1677DBVT Datasheet HTML 22Page - Texas Instruments OPA1677DBVT Datasheet HTML 23Page - Texas Instruments OPA1677DBVT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
8.2.1.2 Detailed Design Procedure
8.2.1.2.1 Power Supply
In professional audio systems, phantom power is applied to the two signal lines that carry a differential audio
signal from the microphone. Figure 8-2 is a diagram of the system showing 48-V phantom power applied to
the differential signal lines between the piezo preamplifier output and the input of a professional microphone
preamplifier.
Piezo
Contact
Microphone
+
±
+
±
48 V
Phantom
Power
6.8 k
6.8 k
Microphone
Preamplifier
Differential
Signal Cable
Piezo
Preamplifier
R1
R2
Figure 8-2. System Diagram Showing the Application of Phantom Power to the Audio Signal Lines
A voltage divider is used to extract the common-mode phantom power from the differential audio signal in this
type of system. The voltage at center point of the voltage divider formed by R1 and R2 does not change when
audio signals are present on the signal lines (assuming R1 and R2 are matched). A Zener diode forces the
voltage at the center point of R1 and R2 to a regulated voltage. The values of R1 and R2 are determined by the
allowable voltage drop across these resistors from the current delivered to both op amp channels and the Zener
diode. There are two power supply current pathways in parallel, each sharing half the total current of the op amp
and Zener diode. Resistors R1 and R2 can be calculated using Equation 1:
1
2
PS
ZD
PS
OPA
ZD
R
R
R
V
6.8 k
R
I
I
2
2
:
§
·
¨
¸
©
¹
(1)
A 24-V Zener diode is selected for this design, and 1 mA of current flows through the diode at idle conditions
to maintain the reverse-biased condition of the Zener diode. The maximum idle power supply current of both op
amp channels is 5 mA. Inserting these values into Equation 1 gives the values for R1 and R2 shown in Equation
2.
PS
OPA
ZD
24V
24V
6.8 k
6.8 k
1.2 k
R
I
5.0 mA
1.0 mA
I
2
2
2
2
:
:
:
§
·
§
·
¨
¸
¨
¸
©
¹
©
¹
(2)
Using a value of 1.2 kΩ for resistors R1 and R2 establishes a 1-mA current through the Zener diode and
properly regulate the node to 24 V. Capacitor C1 forms a low-pass filter with resistors R1 and R2 to filter the
Zener diode noise and any residual differential audio signals. Mismatch in the values of R1 and R2 causes a
portion of the audio signal to appear at the voltage divider center point. The corner frequency of the low-pass
filter must be set below the audio band, as shown in Equation 3.
1
1
2
3dB
1
1
C
13 F
22 F
2
R || R
f
2
600
20 Hz
t
t
t
P o
P
˜ S ˜
˜
˜ S ˜
: ˜
(3)
A 22-μF capacitor is selected because the capacitor meets the requirements for power supply filtering and is a
widely available denomination. A 0.1-µF capacitor (C2) is added in parallel with C1 as a high-frequency bypass
capacitor.
OPA1677, OPA1678, OPA1679
SBOS855E – JANUARY 2017 – REVISED DECEMBER 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA1677 OPA1678 OPA1679



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com