Electronic Components Datasheet Search
  English  ▼

X  

OPA1677DBVT Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1677DBVT
Description  OPA167x Low-Distortion Audio Operational Amplifiers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA1677DBVT Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA1677DBVT Datasheet HTML 18Page - Texas Instruments OPA1677DBVT Datasheet HTML 19Page - Texas Instruments OPA1677DBVT Datasheet HTML 20Page - Texas Instruments OPA1677DBVT Datasheet HTML 21Page - Texas Instruments OPA1677DBVT Datasheet HTML 22Page - Texas Instruments OPA1677DBVT Datasheet HTML 23Page - Texas Instruments OPA1677DBVT Datasheet HTML 24Page - Texas Instruments OPA1677DBVT Datasheet HTML 25Page - Texas Instruments OPA1677DBVT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
8.2.1.2.4 Output Network
The audio signal is ac-coupled onto the microphone signal lines through capacitors C5 and C6. The value of
capacitors C5 and C6 are determined by the low-frequency design requirements and the input impedance of
the microphone preamplifier that connect to the output of the circuit. Equation 9 shows an approximation of the
capacitor value requirements, and neglects the effects of R10, R11, R12, and R13 on the frequency response.
The microphone preamplifier input impedance (RIN_MIC) uses a typical value of 4.4 kΩ for the calculation.
5
6
OUT
OUT
IN _ MIC
C
C
C
2
2
C
3.6 F
2
R
20 Hz
2
4.4 k
20 Hz
t
t
t
P
˜ S ˜
˜
˜ S ˜
: ˜
(9)
For simplicity, the same 22-μF capacitors selected for the power supply filtering are selected for C5 and C6
to satisfy Equation 9. At least 50-V rated capacitors must be used for C5 and C6. If polarized capacitors are
used, the positive terminal must be oriented towards the microphone preamplifier. Resistors R10 and R11 isolate
the op amp outputs from the capacitance of long cables that can cause instability. R12 and R13 discharge
ac-coupling capacitors C4 and C5 when phantom power is removed.
8.2.1.3 Application Curves
The frequency response of the preamplifier circuit is shown in Figure 8-3. The –3-dB frequencies are 15.87 Hz
and 181.1 kHz, which meet the design requirements. The gain within the passband of the circuit is 18.9 dB,
slightly less than the design goal of 20 dB. The reduction in gain is a result of the voltage division between the
output resistors of the piezo preamplifier circuit and the input impedance of the microphone preamplifier. The
A-weighted noise of the circuit (referred to the input) is 842.2 nVRMS or –119.27 dBu.
10
11
12
13
14
15
16
17
18
19
20
10
100
1k
10k
100k
1M
Frequency (Hz)
C001
Figure 8-3. Frequency Response of the Preamplifier Circuit for a 8-nF Piezo Element
OPA1677, OPA1678, OPA1679
SBOS855E – JANUARY 2017 – REVISED DECEMBER 2022
www.ti.com
22
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA1677 OPA1678 OPA1679



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com