Electronic Components Datasheet Search
  English  ▼

X  

ATV5000 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATV5000
Description  High Density UV Erasable Programmable Logic Device
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATV5000 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATV5000 Datasheet HTML 4Page - ATMEL Corporation ATV5000 Datasheet HTML 5Page - ATMEL Corporation ATV5000 Datasheet HTML 6Page - ATMEL Corporation ATV5000 Datasheet HTML 7Page - ATMEL Corporation ATV5000 Datasheet HTML 8Page - ATMEL Corporation ATV5000 Datasheet HTML 9Page - ATMEL Corporation ATV5000 Datasheet HTML 10Page - ATMEL Corporation ATV5000 Datasheet HTML 11Page - ATMEL Corporation ATV5000 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Preload and Observability of Registers
The ATV5000’s registers include circuity to load and unload
them serially. This feature simplifies testing. Any state can be
forced into the registers to control test sequencing, and all regis-
ters may be observed, independent of being buried. A VIH level
on the Data In pin will force the appropriate register high; a VIL
will force it low, independent of the polarity or other configura-
tion bit settings.
The preload/observe state is entered by placing an 11-V to 14-V
signal on pin 68 on the JLCC. When the clock (pin 1) is pulsed
high, data (pin 2) is clocked serially through all registers in the
device, as in the following table. All register contents are also
clocked out of the device on Pin 65 in FIFO fashion. If ob-
servability only is required, data out should be connected back
to data in. If preload only is required, OE (pin 66) can be held
high and data out (pin 65) will remain high impedance.
Any user contemplating the use of register preload/obervability
is encouraged to contact Atmel’s PLD applications department.
Note: All register clock terms or pins must be low prior to en-
tering the preload/observe state, and low prior to leaving the pre-
load/observe state. Pin 1 must be low prior to entering the pre-
load/observe state.
Preload / Observe Register Scan Order
Quadrant
Pin
Quadrant 1
Pin
4
5
6
•••
15
17
DIN
Q2
Q1
B23
Q2
Q1
Q2
Q1
•••
B18
Q2
Q1
Q2
Q1
(Quadrant 2)
Quadrant 2
Pin
18
19
21
22
•••
31
(Quadrant 1)
→
Q2
Q1
Q2
Q1
B17
Q2
Q1
Q2
Q1
•••
B12
Q2
Q1
(Quadrant 3)
Quadrant 3
Pin
38
39
40
•••
49
51
(Quadrant 2)
→
Q2
Q1
B11
Q2
Q1
Q2
Q1
•••
B6
Q2
Q1
Q2
Q1
(Quadrant 4)
Quadrant 4
Pin
52
53
55
56
•••
65
(Quadrant 3)
→
Q2
Q1
Q2
Q1
B5
Q2
Q1
Q2
Q1
•••
B0
Q2
Q1
DOUT
CLOCK
VH
PRELOAD
tD
tHP
tD
tSP
DATA IN
tEAP
tERP
OE
DATA OUT
tCOP
tPR
Pin 65
New Q1
Pin 65
New Q2
Pin
65
Q1
Clock
#1
Clock
#2
Clock
#128
Pin
65
Q2
Pin
4
Q2
Pin
65
Q1
tWPP
tWPP
tDMIN = 100 ns
tSPMIN = 50 ns
tHPMIN = 50 ns
tWPPMIN = 100 ns
tPRMIN = 1000 ns
tERPMAX= 100 ns
tEAPMAX= 100 ns
tCOPMAX = 100 ns
1-200
ATV5000/L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com