Electronic Components Datasheet Search
  English  ▼

X  

ATV5000 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # ATV5000
Description  High Density UV Erasable Programmable Logic Device
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATV5000 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button ATV5000 Datasheet HTML 5Page - ATMEL Corporation ATV5000 Datasheet HTML 6Page - ATMEL Corporation ATV5000 Datasheet HTML 7Page - ATMEL Corporation ATV5000 Datasheet HTML 8Page - ATMEL Corporation ATV5000 Datasheet HTML 9Page - ATMEL Corporation ATV5000 Datasheet HTML 10Page - ATMEL Corporation ATV5000 Datasheet HTML 11Page - ATMEL Corporation ATV5000 Datasheet HTML 12Page - ATMEL Corporation ATV5000 Datasheet HTML 13Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Ordering Information
tPD
(ns)
tCOS
(ns)
fMAX
(MHz)
Ordering Code
Package
Operation Range
25
15
50
ATV5000-25JC
68J
Commercial
ATV5000-25KC
68KW
(0
°C to 70°C)
ATV5000-25UC
68UW
30
20
40
ATV5000-30JC
68J
Commercial
ATV5000-30KC
68KW
(0
°C to 70°C)
ATV5000-30UC
68UW
ATV5000-30KI
68KW
Industrial
ATV5000-30UI
68UW
(-40
°C to 85°C)
ATV5000-30KM
68KW
Military
ATV5000-30UM
68UW
(-55
°C to 125°C)
ATV5000-30KM/883
68KW
Military/883C
ATV5000-30UM/883
68UW
Class B, Fully Compliant
(-55
°C to 125°C)
35
25
33
ATV5000-35JC
68J
Commercial
ATV5000-35KC
68KW
(0
°C to 70°C)
ATV5000-35UC
68UW
ATV5000-35KI
68KW
Industrial
ATV5000-35UI
68UW
(-40
°C to 85°C)
ATV5000-35KM
68KW
Military
ATV5000-35UM
68UW
(-55
°C to 125°C)
ATV5000-35KM/883
68KW
Military/883C
ATV5000-35UM/883
68UW
Class B, Fully Compliant
(-55
°C to 125°C)
35
25
33
ATV5962-93248 02M XX
68KW
Military/883C
ATV5962-93248 02M YX
68UW
Class B, Fully Compliant
(-55
°C to 125°C)
tPD
(ns)
tCOS
(ns)
fMAX
(MHz)
Ordering Code
Package
Operation Range
30
20
40
ATV5000L-30JC
68J
Commercial
ATV5000L-30KC
68KW
(0
°C to 70°C)
ATV5000L-30UC
68UW
35
25
33
ATV5000L-35JC
68J
Commercial
ATV5000L-35KC
68KW
(0
°C to 70°C)
ATV5000L-35UC
68UW
ATV5000L-35KI
68KW
Industrial
ATV5000L-35UI
68UW
(-40
°C to 85°C)
ATV5000L-35KM
68KW
Military
ATV5000L-35UM
68UW
(-55
°C to 125°C)
ATV5000L-35KM/883
68KW
Military/883C
ATV5000L-35UM/883
68UW
Class B, Fully Compliant
(-55
°C to 125°C)
35
25
33
ATV5962-93248 03M XX
68KW
Military/883C
ATV5962-93248 08M YX
68UK
Class B, Fully Compliant
(-55
°C to 125°C)
1-204
ATV5000/L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com