Electronic Components Datasheet Search
  English  ▼

X  

ATV5000 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATV5000
Description  High Density UV Erasable Programmable Logic Device
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATV5000 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATV5000 Datasheet HTML 5Page - ATMEL Corporation ATV5000 Datasheet HTML 6Page - ATMEL Corporation ATV5000 Datasheet HTML 7Page - ATMEL Corporation ATV5000 Datasheet HTML 8Page - ATMEL Corporation ATV5000 Datasheet HTML 9Page - ATMEL Corporation ATV5000 Datasheet HTML 10Page - ATMEL Corporation ATV5000 Datasheet HTML 11Page - ATMEL Corporation ATV5000 Datasheet HTML 12Page - ATMEL Corporation ATV5000 Datasheet HTML 13Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Using The ATV5000
The ATV5000’s simple, regular architecture means that only
simple logic compilers are required to configure the device. No
layout or route and place are required. These software tools are
readily available from companies such as Data I/O Corporation
(ABEL
™), Logical Devices (CUPL™), MINC Inc. (PLDes-
igner-XL
™), and ISDATA (LOGiC™).
The first step in designing a device as complex as the ATV5000
is to partition your design into manageable blocks. These blocks
are then allocated proportionally to each of the four quadrants of
the ATV5000. Random gates can be described either with
boolean equations (a behavioral description) or with a schematic
editor. Truth table logic and state machines are best described
behaviorially and entered with a text editor. The design is then
combined into one ASCII file, which is then submitted to the
logic compiler. Compilation, logic reduction, simulation,
JEDEC file creation and documentation are then completed by
all of the popular compilers.
Assignment of signals to pins or buried nodes as well as select-
ing the various options of the ATV5000 (such as register clocks
and input latches) can be done manually in the design data base
file, or an automatic fitter may be used.
A logic fitter assigns pins and nodes to make best use of the
features in the ATV5000, and frees the designer from being re-
quired to learn all of the features of a complex device such as the
ATV5000. For further information on fitters for the ATV5000,
contact Atmel’s PLD applications department.
After correcting any syntax and logic errors discovered by the
compiler, the JEDEC file is ready to download to an PLD pro-
grammer. These are available from a number of manufacturers.
Programmed devices are usually first tested in the programmer
with your supplied test vectors. The next step is check out your
"custom chip" in the target system. When this hardware debug
step is complete, your system is ready to go— all in a matter of
hours.
ABEL
™, CUPL™, PLDesigner-XL™ and LOGiC™ may be
trademarks of others.
RANDOM
GATES
PA RTITION D ESIGN
INT O MANAGABLE P IECES
S TAT E
MACHINES
TRUTH
TABLES
SCHEMATIC
EDIT OR
TEXT
EDIT OR
DESIGN DATA BASE
(ASCII FILE)
TRANSFER JEDEC F ILE
AND P ROGRAM
COMPILE AND S IMULAT E
HARDWARE TEST
SHIP IT!
E RRORS ?
E RRORS ?
E RRORS ?
E RRORS ?
CORRE CT
Design Flow Diagram
Power Up Reset
The registers in the ATV5000 are designed to reset during
power up. At a point delayed slightly from VCC crossing 3.8 V,
all registers will be reset to the low state. The output state will
depend on the polarity of the output buffer.
This feature is critical for state machine initialization. However,
due to the asynchronous nature of reset and the uncertainty of
how VCC actually rises in the system, the following conditions
are required:
1) The VCC rise must be monotonic,
2) After reset occurs, all input and feedback setup times must be
met before driving the clock term high, and
3) The signals from which the clock is derived must remain sta-
ble during tPR.
Parameter
Description
Min
Typ
Max
Units
tPR
Power-Up
Reset Time
600
1000
ns
ATV5000/L
1-201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com