Electronic Components Datasheet Search
  English  ▼

X  

ATV5000 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATV5000
Description  High Density UV Erasable Programmable Logic Device
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATV5000 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATV5000 Datasheet HTML 5Page - ATMEL Corporation ATV5000 Datasheet HTML 6Page - ATMEL Corporation ATV5000 Datasheet HTML 7Page - ATMEL Corporation ATV5000 Datasheet HTML 8Page - ATMEL Corporation ATV5000 Datasheet HTML 9Page - ATMEL Corporation ATV5000 Datasheet HTML 10Page - ATMEL Corporation ATV5000 Datasheet HTML 11Page - ATMEL Corporation ATV5000 Datasheet HTML 12Page - ATMEL Corporation ATV5000 Datasheet HTML 13Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
SUPPLY CURRENT vs. INPUT FREQUENCY
ATV5000 (TA = 25C, VCC = 5V)
0
50
100
150
200
S
U
P
P
L
Y
C
U
R
R
E
N
T
m
A
0
3
6
9
1215
1821
INPUT FREQUENCY (MHz)
SUPPLY CURRENT vs. INPUT FREQUENCY
ATV5000L (TA = 25C, VCC = 5V)
0
50
100
150
200
S
U
P
P
L
Y
C
U
R
R
E
N
T
m
A
0
3
6
9
12
15
18
21
INPUT FREQUENCY (MHz)
ATV5000/L
1-203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com