Electronic Components Datasheet Search
  English  ▼

X  

CPC5601 Datasheet(PDF) 9 Page - Clare, Inc.

Part # CPC5601
Description  Auxiliary Programmable Driver IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5601 Datasheet(HTML) 9 Page - Clare, Inc.

Back Button CPC5601 Datasheet HTML 5Page - Clare, Inc. CPC5601 Datasheet HTML 6Page - Clare, Inc. CPC5601 Datasheet HTML 7Page - Clare, Inc. CPC5601 Datasheet HTML 8Page - Clare, Inc. CPC5601 Datasheet HTML 9Page - Clare, Inc. CPC5601 Datasheet HTML 10Page - Clare, Inc. CPC5601 Datasheet HTML 11Page - Clare, Inc. CPC5601 Datasheet HTML 12Page - Clare, Inc. CPC5601 Datasheet HTML 13Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
CPC5601
R3.0
www.clare.com
9
1C1
1
µF, 16 V, ± 10%
Panasonic, AVX, Novacap, Murata, SMEC
6
C2, C3, C4, C9,
C13, C14
0.1
µF, 16 V, ± 10%
1C10
0.01
µF, 500 V, ± 10%1
1
C12
0.027
µF, 16 V, ± 10%
1C15
0.0022
µF, 500 V, ± 10%1
1C16
10
µF, 16 V, ± 10%
1
C29
1.5
µF, 16 V, ± 10%
1
C30
0.47
µF, 300 V, ± 10%
1
C31
0.68
µF, 16 V, ± 10%
1
C32
0.47
µF, 16 V, ± 10%
1
C33
0.015
µF, 16 V, ± 10%
1
C34
2.2
µF, 16 V, ± 10%
1
R1
80.6 K
Ω, 1/16W, ± 1%
Panasonic, Electro Films, FMI, Vishay, etc.
1
R2
127 K
Ω, 1/16W, ± 1%
1
R4
68.1
Ω, 1/16W, ± 1%
1
R5
42.2 K
Ω, 1/16W, ± 1%
2
R8, R9
200 K
Ω, 1/16W, ± 1%
1
R13
501 K
Ω, 1/16W, ± 1%
1R14
47
Ω, 1/16W, ± 1%
1
R15
1.69 M
Ω, 1/16W, ± 1%
1R20
2
Ω, 1/16W, ± 1%
1
R21
6.2 M
Ω, 1/4W, ± 1%
1
R22
6.8 M
Ω, 1/4W, ± 1%
1R23
10
Ω, 1/16W, ± 5% or 220 µH inductor
1R64
10 k
Ω, 1/16W, ± 5%
1
R65
470
Ω, 1/16W, ± 5%
1
R66
150
Ω, 1/16W, ± 1%
1
R67
301
Ω, 1/16W, ± 1%
1R68
82.5
Ω, 1/16W, ± 1%
1R69
29.4
Ω, 1/16W, ± 1%
1
R70
8.2 k
Ω, 1/4W, ± 5%
1
R71
165
Ω, 1/16W, ± 1%
1R72
59
Ω, 1/16W, ± 1%
1
R73
optional, see text
1R74
10
Ω, 1/16W, ± 1%
1
R75
402 k
Ω, 1/16W, ± 1%
1
R76
100 k
Ω, 1/16W, ± 5%
1
R77
499 k
Ω, 1/16W, ± 1%
Qty.
Reference
Value
Suppliers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com