Electronic Components Datasheet Search
  English  ▼

X  

CPC5601 Datasheet(PDF) 11 Page - Clare, Inc.

Part # CPC5601
Description  Auxiliary Programmable Driver IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5601 Datasheet(HTML) 11 Page - Clare, Inc.

Back Button CPC5601 Datasheet HTML 6Page - Clare, Inc. CPC5601 Datasheet HTML 7Page - Clare, Inc. CPC5601 Datasheet HTML 8Page - Clare, Inc. CPC5601 Datasheet HTML 9Page - Clare, Inc. CPC5601 Datasheet HTML 10Page - Clare, Inc. CPC5601 Datasheet HTML 11Page - Clare, Inc. CPC5601 Datasheet HTML 12Page - Clare, Inc. CPC5601 Datasheet HTML 13Page - Clare, Inc. CPC5601 Datasheet HTML 14Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
CPC5601
R3.0
www.clare.com
11
2.7 Operational Sequence
In the application circuits above, the CPC5601 is pow-
ered from the telephone line only when the LITELINK
is off-hook. This requires that you set the telephone
line characteristics controlled by the CPC5601 under
host system control immediately after taking the DAA
off-hook or after pulse dialing is complete, using the
following sequence:
1.
For incoming calls, validate a ring signal by hav-
ing the host system poll or read the output of
RING (ring detect via snoop circuit on the
LITELINK) or RING (ring detect via opto-isolated
ring circuit in the CPC5601).
2.
Assert OH to complete the connection.
3.
Set the telephone line characteristics of the DAA
using the CPC5601 via the programming method
(see “Programming” on page 12).
With this circuit, you must program the CPC5601 as
soon as possible after asserting off hook. Leaving the
CPC5601 unprogrammed leaves open the possibility
of LITELINK instability due to lack of AC termination.
2.8 Output Current Ratings
Output b6 is the only output that can be used for the
current limiting function of a DAA. The FET on output
b6 can sink up to 120 mA of current, while the other
outputs can sink up to 10 mA.
The other outputs can be used for any of the other
switchable functions on the telephone line side of a
DAA, as long as the current does not exceed the
10 mA limit.
1
R1
80.6 K
Ω, 1/16W, ± 1%
Panasonic, Electro Films, FMI, Vishay, etc.
1
R2
130 K
Ω, 1/16W, ± 1%
1
R3
1.5 M
Ω, 1/16W, ± 1%
1
R4
68.1
Ω, 1/16W, ± 1%
1
R5
60.4 K
Ω, 1/16W, ± 1%
4
R6, R7, R44, R45 1.8 M
Ω, 1/10W, ± 1%
1
R8
221 K
Ω, 1/16W, ± 1%
2
R10, R12
499 K
Ω, 1/16W, ± 1%
1
R13
501 K
Ω, 1/16W, ± 1%
1R14
47
Ω, 1/16W, ± 1%
1
R15
1.69 M
Ω, 1/16W, ± 1%
1
R16
8.2
Ω, 1/16W, ± 1%
1R18
10 K
Ω, 1/16W, ± 1%
1R20
2
Ω, 1/16W, ± 1%
1
R21
6.2 M
Ω, 1/4W, ± 1%
1
R22
6.8 M
Ω, 1/4W, ± 1%
1R23
10
Ω, 1/16W, ± 5% or 220 µH inductor
1R64
10 k
Ω, 1/16W, ± 5%
1
R65
470
Ω, 1/16W, ± 5%
1
R66
150
Ω, 1/16W, ± 1%
1
R67
301
Ω, 1/16W, ± 1%
1
R71
165
Ω, 1/16W, ± 1%
1R72
59
Ω, 1/16W, ± 1%
1
R73
optional, see text
1
R75
402 k
Ω, 1/16W, ± 1%
1
R76
100 k
Ω, 1/16W, ± 5%
1
R77
499 k
Ω, 1/16W, ± 1%
1
R78
200 k
Ω, 1/16W, ± 1%
Qty.
Reference
Value
Suppliers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com