Electronic Components Datasheet Search
  English  ▼

X  

CPC5601 Datasheet(PDF) 12 Page - Clare, Inc.

Part # CPC5601
Description  Auxiliary Programmable Driver IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5601 Datasheet(HTML) 12 Page - Clare, Inc.

Back Button CPC5601 Datasheet HTML 6Page - Clare, Inc. CPC5601 Datasheet HTML 7Page - Clare, Inc. CPC5601 Datasheet HTML 8Page - Clare, Inc. CPC5601 Datasheet HTML 9Page - Clare, Inc. CPC5601 Datasheet HTML 10Page - Clare, Inc. CPC5601 Datasheet HTML 11Page - Clare, Inc. CPC5601 Datasheet HTML 12Page - Clare, Inc. CPC5601 Datasheet HTML 13Page - Clare, Inc. CPC5601 Datasheet HTML 14Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
CPC5601
12
www.clare.com
R3.0
3. Programming
3.1 Latch Circuit Description
Data applied to the input pin is optically coupled to the
shift register through a pulse generator. Each low-to-
high transition in the pulse generator triggers a clock
pulse. Clock pulses are applied to the CLK input of six
rising-edge-triggered flip-flops. The non-inverted input
data is fed to the flip-flops at all times, but the flip-flops
are only clocked on receipt of a pulse from the pulse
generator. The flip-flops drive six FET switches.
3.2 Programming Protocol
Figure 6. Latch Circuit Timing to Turn an Output On
A setup pulse on the input of at least 50
µS starts the
bit programming sequence. The trailing edge of the
setup pulse starts a timer on the CPC5601 (t0). After
140
µS, the value of the input is latched into the shift
register.
To set an output, hold the input high for 200
µS from
the leading edge after the setup pulse. This turns on
the corresponding open-drain FET to sink current.
Figure 7. Latch Circuit Timing to Turn an Output Off
To clear an output, hold the input high for 50
µS after
the setup pulse, then take the input low for at least 150
µS.
Repeat the sequence of the setup pulse followed by
the appropriate input condition for each successive bit.
Bear the following in mind while programming the
CPC5601:
INPUT (pin 3)
CLOCK
B1 (pin 13)
140 s
µ
200 s
µ
B1 output FET on (sinking current)
B1 output FET off (drain open)
t0
>=50 s (tsetup)
µ
thold
Transition after setup time
initiates clock pulse
First flip-flop reads data
at the rising edge of the clock
B1 output FET off (drain open)
Transition after setup time
initiates clock pulse
First flip-flop reads data
at the rising edge of the clock
INPUT (pin 3)
CLOCK
B1 (pin 13)
140 s
m
B1 output FET on (sinking current)
t0
50 s
m
>=50 s (tsetup)
m
150 s min
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com