Electronic Components Datasheet Search
  English  ▼

X  

CPC5601 Datasheet(PDF) 10 Page - Clare, Inc.

Part # CPC5601
Description  Auxiliary Programmable Driver IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5601 Datasheet(HTML) 10 Page - Clare, Inc.

Back Button CPC5601 Datasheet HTML 6Page - Clare, Inc. CPC5601 Datasheet HTML 7Page - Clare, Inc. CPC5601 Datasheet HTML 8Page - Clare, Inc. CPC5601 Datasheet HTML 9Page - Clare, Inc. CPC5601 Datasheet HTML 10Page - Clare, Inc. CPC5601 Datasheet HTML 11Page - Clare, Inc. CPC5601 Datasheet HTML 12Page - Clare, Inc. CPC5601 Datasheet HTML 13Page - Clare, Inc. CPC5601 Datasheet HTML 14Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CPC5601
10
www.clare.com
R3.0
2.6 Figure 5 Part List
Qty.
Reference
Value
Suppliers
1
U1
CPC562x LITELINK III
Clare, Inc.
1
U4
CPC5601 Auxiliary Programmable Driver
1
Q1
CPC5602C N-Channel Depletion-Mode FET
1
DB1
S1ZB60 or DB104 Bridge Rectifier
Sindengen Co., Diodes, Inc.
1
SP1
P3100SB Sidactor
Teccor, TI, ST Microelectronics
1
FB1
600
Ω, 200 mA ferrite bead
Murata BLM11A601S or similar
1C1
1
µF, 16 V, ± 10%
Panasonic, AVX, Novacap, Murata, SMEC
4
C2, C9, C13, C14 0.1
µF, 16 V, ± 10%
2C7, C8
220 pF, 2 kV, ±5%1
2C10, C15
0.01
µF, 500 V, ± 10%1
1
C12
0.027
µF, 16 V, ± 10%
1C15
0.0022
µF, 500 V, ± 10%1
1C16
10
µF, 16 V, ± 10%
1
C18
15 pF, 50 V, ± 10%
1
C21
100 pF, 50 V, ± 10%
1
C29
1.5
µF, 16 V, ± 10%
1
C30
0.47
µF, 300 V, ± 10%
1
C31
0.68
µF, 16 V, ± 10%
1
C32
0.47
µF, 16 V, ± 10%
1
C33
0.024
µF, 16 V, ± 10%
1
C34
2.2
µF, 16 V, ± 10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com