Electronic Components Datasheet Search
  English  ▼

X  

CPC5611 Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC5611
Description  LITELINK??II Silicon Data Access Arrangement (DAA) IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5611 Datasheet(HTML) 1 Page - Clare, Inc.

  CPC5611 Datasheet HTML 1Page - Clare, Inc. CPC5611 Datasheet HTML 2Page - Clare, Inc. CPC5611 Datasheet HTML 3Page - Clare, Inc. CPC5611 Datasheet HTML 4Page - Clare, Inc. CPC5611 Datasheet HTML 5Page - Clare, Inc. CPC5611 Datasheet HTML 6Page - Clare, Inc. CPC5611 Datasheet HTML 7Page - Clare, Inc. CPC5611 Datasheet HTML 8Page - Clare, Inc. CPC5611 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
DS-CPC5610/5611-R9.0
www.clare.com
1
Features
• Full-duplex data and voice transmission
• Transformerless telephone line isolation interface
• Operates at all modem speeds, including V.90 (56K)
• 3.3 or 5 V power supply operation
• Half-wave ring detector (CPC5610) or full-wave ring
detector (CPC5611)
• Caller ID signal reception
• Small 32-pin SOIC plastic package
• Printed-circuit board space and cost savings
• Meets PC Card (PCMCIA) height requirements
• Easy interface with modem ICs and voice CODECs
• Worldwide dial-up telephone network compatibility
• Supplied application circuit complies with the
requirements of TIA/EIA/IS-968 (FCC part 68),
UL1950, UL60950, EN60950, IEC60950,
EN55022B, CISPR22B, EN55024, and TBR-21
• CPC5610 and CPC5611 comply with UL1577
• TTL compatible logic inputs and outputs
• Line-side circuit powered from telephone line
Applications
• Satellite and cable set-top boxes
• V.90 (and other standard) modems
• Fax machines
• Voicemail systems
• Computer telephony
• PBXs
• Telephony gateways
• Embedded modems for such applications as POS
terminals, automated banking, remote metering,
vending machines, security, and surveillance
Description
Clare CPC5610 and CPC5611 LITELINKs are silicon
data access arrangement (DAA) ICs used in data and
voice communication applications to make connec-
tions to the public switched telephone network
(PSTN). LITELINK uses on-chip optical components
and a few inexpensive external components to form a
complete voice or high-speed data telephone line
interface.
LITELINK eliminates the need for the large isolation
transformers or capacitors as used in other DAA con-
figurations. It incorporates the required high-voltage
isolation barrier in the surface-mount SOIC package.
The CPC5610 (half-wave ring detect) and CPC5611
(full-wave ring detect) build upon Clare’s existing
LITELINK line, with improved performance and 3.3 V
operation.
Ordering Information
Figure 1. CPC5610/CPC5611 Block Diagram
Part Number
Description
CPC5610A
32-pin surface mount DAA with half-wave ring
detect, tubed
CPC5610ATR
32-pin surface mount DAA with half-wave ring
detect, tape and reel
CPC5611A
32-pin surface mount DAA with full-wave ring
detect, tubed
CPC5611ATR
32-pin surface mount DAA with full-wave ring
detect, tape and reel
Transconductance
Stage
2-4 Wire Hybrid
AC/DC Termination
Hookswitch
Isolation Barrier
Vref
AGC
Vref
AGC
Snoop Amplifier
Receive
Isolation
Amplifier
Transmit
Isolation
Amplifier
TIP+
RING-
Transmit
Diff.
Amplifier
Receive
Diff.
Amplifier
CID/
RING
MUX
Tx+
Tx-
OH
RING
CID
Rx+
Rx-
Current Limit Control
AC Impedance Control
VI Slope Control
C
SNOOP
C
SNOOP
R
SNOOP
R
SNOOP
CPC5610/CPC5611
LITELINK™ II Silicon Data Access Arrangement (DAA) IC


Similar Part No. - CPC5611

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5601 CLARE-CPC5601 Datasheet
355Kb / 14P
Auxiliary Programmable Driver IC
logo
IXYS Corporation
CPC5601 IXYS-CPC5601 Datasheet
384Kb / 15P
Auxiliary Programmable Driver IC
logo
Clare, Inc.
CPC5601D CLARE-CPC5601D Datasheet
355Kb / 14P
Auxiliary Programmable Driver IC
logo
IXYS Corporation
CPC5601D IXYS-CPC5601D Datasheet
384Kb / 15P
Auxiliary Programmable Driver IC
CPC5601DTR IXYS-CPC5601DTR Datasheet
384Kb / 15P
Auxiliary Programmable Driver IC
More results

Similar Description - CPC5611

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
Optical Data Access Arrangement I.C.
logo
Mitel Networks Corporat...
MH88422-1 MITEL-MH88422-1 Datasheet
73Kb / 14P
Data Access Arrangement Preliminary Information
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
Data Access Arrangement Preliminary Information
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
Data Access Arrangement Advance Information
logo
List of Unclassifed Man...
CH1840 ETC-CH1840 Datasheet
432Kb / 7P
Low Profile Data Access Arrangement (DAA) Modules
logo
Mitel Networks Corporat...
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
Data Access Arrangement
logo
Clare, Inc.
CPC5620 CLARE-CPC5620 Datasheet
786Kb / 18P
LITELINK III Phone Line Interface IC (DAA)
logo
List of Unclassifed Man...
CH1837A ETC1-CH1837A Datasheet
203Kb / 9P
CH1837A/7F/8A Data Access Arrangement Module V.34bis High Speed DAA Module
logo
Nais(Matsushita Electri...
AQS210PS NAIS-AQS210PS Datasheet
101Kb / 4P
DAA (Data Access Arrangement) circuit package. SOP 16-pin type.
logo
Clare, Inc.
CYG2111 CLARE-CYG2111 Datasheet
459Kb / 6P
Data Access Arrangement (DAA) Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com