Electronic Components Datasheet Search
  English  ▼

X  

CPC5611 Datasheet(PDF) 13 Page - Clare, Inc.

Part # CPC5611
Description  LITELINK??II Silicon Data Access Arrangement (DAA) IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5611 Datasheet(HTML) 13 Page - Clare, Inc.

Back Button CPC5611 Datasheet HTML 9Page - Clare, Inc. CPC5611 Datasheet HTML 10Page - Clare, Inc. CPC5611 Datasheet HTML 11Page - Clare, Inc. CPC5611 Datasheet HTML 12Page - Clare, Inc. CPC5611 Datasheet HTML 13Page - Clare, Inc. CPC5611 Datasheet HTML 14Page - Clare, Inc. CPC5611 Datasheet HTML 15Page - Clare, Inc. CPC5611 Datasheet HTML 16Page - Clare, Inc. CPC5611 Datasheet HTML 17Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
CPC5610/CPC5611
Rev. 9.0
www.clare.com
13
3.5 AC Characteristics
3.5.1 Resistive Termination Applications
North American and Japanese telephone line AC ter-
mination requirements are met with a resistive 600
AC termination. Receive termination is applied to the
LITELINK ZNT pin (pin 29) as a 301
Ω resistor, R
ZNT
(R10). A 150
Ω resistor, R18 (R
ZTX), applied to the
LITELINK ZTX pin (pin 30) sets the correct transmit
gain and impedance.
3.5.2 Reactive Termination Applications
Many areas use a single-pole complex impedance to
model the telephone network transmission line char-
acteristic impedance as shown in the table below.
Matching a complex impedance requires the use of
complex networks on ZNT and ZTX. In order to
accommodate high power levels, it is necessary to
modify the transmit and receive gain characteristics of
your LITELINK implementation. The complex network
on the ZTX pin increases transmit gain by 7 dB. A 7
dB pad may be inserted before the TX+ and TX- pins
to provide overall unity gain. Similarly, with a complex
network, the ratio of R12 (RNTF) and R13 (RNTS) must
be modified from 1:1 to 1:.287, which introduces a 7
dB loss in the receive path from tip and ring to ZNT.
4. Regulatory Information
LITELINK can be used to build products that comply
with the requirements of TIA/EIA/IS-968 (formerly
FCC part 68), FCC part 15B, TBR-21, EN60950,
UL1950, EN55022B, IEC950/IEC60950, CISPR22B,
EN55024, and many other standards. LITELINK com-
plies with the requirements of UL1577. LITELINK pro-
vides supplementary isolation. Metallic surge
requirements are met through the inclusion of a Sidac-
tor in the application circuit. Longitudinal surge protec-
tion is provided by LITELINK’s optical-across-the-
barrier technology and the use of high-voltage compo-
nents in the application circuit as needed.
The information provided in this document is intended
to inform the equipment designer but it is not sufficient
to assure proper system design or regulatory compli-
ance. Since it is the equipment manufacturer's respon-
sibility to have their equipment properly designed to
conform to all relevant regulations, designers using
LITELINK are advised to carefully verify that their end-
product design complies with all applicable safety,
EMC, and other relevant standards and regulations.
Semiconductor components are not rated to withstand
electrical overstress or electro-static discharges result-
ing from inadequate protection measures at the board
or system level.
Line Impedance Model
TBR-21
Australian
Ra
750
820
Rb
270
220
C
150 nF
120 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com