Electronic Components Datasheet Search
  English  ▼

X  

CPC5611 Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC5611
Description  LITELINK??II Silicon Data Access Arrangement (DAA) IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5611 Datasheet(HTML) 4 Page - Clare, Inc.

  CPC5611 Datasheet HTML 1Page - Clare, Inc. CPC5611 Datasheet HTML 2Page - Clare, Inc. CPC5611 Datasheet HTML 3Page - Clare, Inc. CPC5611 Datasheet HTML 4Page - Clare, Inc. CPC5611 Datasheet HTML 5Page - Clare, Inc. CPC5611 Datasheet HTML 6Page - Clare, Inc. CPC5611 Datasheet HTML 7Page - Clare, Inc. CPC5611 Datasheet HTML 8Page - Clare, Inc. CPC5611 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
CPC5610/CPC5611
4
www.clare.com
Rev. 9.0
Transmit Level
-
0
2.2
VP-P
Single-tone sine wave. Or 0 dBm into 600
Ω.
Receive Level
-
-
2.2
VP-P
Single-tone sine wave. Or 0 dBm into 600
Ω.
RX+/RX- Output Drive Current
-
-
0.5
mA
Sink and source
TX+/TX- Input Impedance
60
90
120
k
Ω
Isolation Characteristics
Isolation Voltage
1500
-
-
VRMS
Line side to host side
Surge Rise Time
2000
-
-
V/
µS
No damage via tip and ring
OH and CID Control Logic Inputs
Input Threshold Voltage
0.8
-
2.0
V
High Level Input Current
-120
-
0
µA
VIN≤VDD
Low Level Input Current
-
-
-120
µA
VIN=GND
RING Output Logic Levels
Output High Voltage
VDD -0.4
--
V
IOUT = -400 µA
Output Low Voltage
-
-
0.4
V
IOUT = 1 mA
Specifications subject to change without notice. All performance characteristics based on the use of Clare, Inc. application circuits. Functional operation of the
device at conditions beyond those specified here is not implied. Specification conditions: VDD = 5V, temperature = 25 °C, unless otherwise indicated.
Parameter
Minimum
Typical
Maximum
Unit
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com