Electronic Components Datasheet Search
  English  ▼

X  

CPC5611 Datasheet(PDF) 6 Page - Clare, Inc.

Part # CPC5611
Description  LITELINK??II Silicon Data Access Arrangement (DAA) IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5611 Datasheet(HTML) 6 Page - Clare, Inc.

Back Button CPC5611 Datasheet HTML 2Page - Clare, Inc. CPC5611 Datasheet HTML 3Page - Clare, Inc. CPC5611 Datasheet HTML 4Page - Clare, Inc. CPC5611 Datasheet HTML 5Page - Clare, Inc. CPC5611 Datasheet HTML 6Page - Clare, Inc. CPC5611 Datasheet HTML 7Page - Clare, Inc. CPC5611 Datasheet HTML 8Page - Clare, Inc. CPC5611 Datasheet HTML 9Page - Clare, Inc. CPC5611 Datasheet HTML 10Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CPC5610/CPC5611
6
www.clare.com
Rev. 9.0
2. Application Circuits
LITELINK can be used with telephone networks world-
wide. Some public telephone networks, notably in
North America and Japan require resistive line temri-
nation. Other telephone networks in Europe and else-
where require reactive line termination.
The application circuits below address both line termi-
nation models. The reactive termination application
circuit (see Section 2.2 on page 8) describes a TBR-21
implementation. This circuit can be adapted easily for
other reactive termination needs. Worldwide applica-
tion of LITELINK is described more fully in Clare appli-
cation note AN-147, Worldwide Application of LITELINK.
2.1 Resistive Termination Application Circuit
Figure 3. Resistive Termination Application Circuit Schematic
1This design was tested and found to comply with FCC Part 68 with this
part. Other compliance requirements may require a different part.
2Higher-noise power supplies may require substitution of a 220
µH inductor,
Toko 380HB-2215 or similar. See the Power Quality section of Clare applica-
tion note AN-146, Guidelines for Effective LITELINK Designs for more informa-
tion.
3Optional for enhanced trans-hybrid loss, see “Trans-Hybrid Loss” on page 16.
1
2
+
-
OH
RING
CID
TX+
RX+
TX-
RX-
3.3 or 5 V
C13 0.1
C14 0.1
C2 0.1
C3 0.1
C4 0.1
R1 (R
) 80.6K 1%
TX
R23
10
²
-BR
-BR
-BR
TIP
RING
U1
LITELINK
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VDD
TXSM
TX-
TX+
TX
REFM
GND
RX-
RX+
SNP+
SNP-
RXF
RX
OH
RING
CID
REFL
TXF
ZTX
ZNT
TXSL
BR1-
NTS
GAT
REFB
DCS1
DCS2
ZDC
BR2-
RPB
RXS
VDDL
DB1
SIZB60
600V_60A
SP1
P3100SB
¹
-BR
-BR
A
A
A
C9
0.1
C16
10
FB1
600
200 mA
C1
1
R5 (R
)
42.2K
1%
TXF
R13
(R
)
1M
1%
NTS
C10
0.01
500V
R15 (R
) 1.69M 1%
DCS2
R14
(R
)
47
GAT
R20
(R
)
2
VDDL
R21 (R
)
1%
DCS1B
6.2 M
R22 (R
)
6.8 M 1%
DCS1A
C12 (C
)
0.027
DCS
R2
(R
)
127K
1%
RXF
R3
(R
)
1.5M
1%
SNPD
C7
(C
)
220pF
2000V
SNP-
C8
(C
)
220pF
2000V
SNP+
R6 (R
)
1.8M 1/10W 1%
SNP-2
R44 (R
)
1.8M 1/10W 1%
SNP-1
R7 (R
)
1.8M 1/10W 1%
SNP+2
R45 (R
)
1.8M 1/10W 1%
SNP+1
R4
(R
)
68.1
1%
PB
R8 (R
)
200K 1%
HTX
R9 (R
)
200K 1%
HNT
-BR
NOTE: Unless otherwise
noted, all resistors are in
Ohms, 5%. All capacitors
are in microFarads.
Q1
CPC5602C
R10
(R
)
301
1%
ZNT
R18
(R
)
150
1%
ZTX
R12 (R
) 1M 1%
NTF
R16 (R
) 8.2 1%
ZDC
-BR
-BR
C18³
15 pF
C15
0.01
500V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com