Electronic Components Datasheet Search
  English  ▼

X  

MAX232ECSE Datasheet(PDF) 6 Page - Analog Devices

Part # MAX232ECSE
Description  ±15kV ESD-Protected, 5V RS-232 Transceivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX232ECSE Datasheet(HTML) 6 Page - Analog Devices

Back Button MAX232ECSE Datasheet HTML 2Page - Analog Devices MAX232ECSE Datasheet HTML 3Page - Analog Devices MAX232ECSE Datasheet HTML 4Page - Analog Devices MAX232ECSE Datasheet HTML 5Page - Analog Devices MAX232ECSE Datasheet HTML 6Page - Analog Devices MAX232ECSE Datasheet HTML 7Page - Analog Devices MAX232ECSE Datasheet HTML 8Page - Analog Devices MAX232ECSE Datasheet HTML 9Page - Analog Devices MAX232ECSE Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
PIN
NAME
FUNCTION
DIP/SO/TSSOP
LCC
1, 3
2, 4
C1+, C1-
Terminals for Positive Charge-Pump Capacitor
2
3
V+
+2VCC Voltage Generated by the Charge Pump
4, 5
5, 7
C2+, C2-
Terminals for Negative Charge-Pump Capacitor
6
8
V
-2VCC Voltage Generated by the Charge Pump
7, 14
9, 18
T_OUT
RS-232 Driver Outputs
8, 13
10, 17
R_IN
RS-232 Receiver Inputs
9, 12
12, 15
R_OUT
RS-232 Receiver Outputs
10, 11
13, 14
T_IN
RS-232 Driver Inputs
15
19
GND
Ground
16
20
VCC
+4.5V to +5.5V Supply-Voltage Input
—
1, 6, 11, 16
N.C.
No Connection—Not Internally Connected
PIN
NAME
FUNCTION
DIP
SO
1, 2
1, 2
T_IN
RS-232 Driver Inputs
3, 20
3, 20
R_OUT
RS-232 Receiver Outputs
4,19
4, 19
R_IN
RS-232 Receiver Inputs
5,18
5, 18
T_OUT
RS-232 Transmitter Outputs
6, 9
6, 9
GND
Ground
7
7
VCC
+4.5V to +5.5V Supply-Voltage Input
8
13
C1+
Make no connection to this pin.
10, 16
11, 16
C2-
Connect pins together.
12, 17
10, 17
V-
-2VCC Voltage Generated by the Charge Pump. Connect pins together.
13
14
C1-
Make no connection to this pin.
14
8
V+
+2VCC Voltage Generated by the Charge Pump
11, 15
12, 15
C2+
Connect pins together.
PIN
NAME
FUNCTION
1–4, 19
T_OUT
RS-232 Driver Outputs
5, 10, 13, 18, 24
R_IN
RS-232 Receiver Inputs
6, 9, 14, 17, 23
R_OUT
TTL/CMOS Receiver Outputs. All receivers are inactive in shutdown.
7, 8, 15, 16, 22
T_IN
TTL/CMOS Driver Inputs. Internal pullups to VCC.
11
GND
Ground
12
VCC
+4.75V to +5.25V Supply Voltage
20
EN
Receiver Enable—Active Low
21
SHDN
Shutdown Control—Active High
www.analog.com
Analog Devices │ 6
MAX202E–MAX213E,
MAX232E/MAX241E
±15kV ESD-Protected,
5V RS-232 Transceivers
Pin Descriptions
MAX202E/MAX232E
MAX203E
MAX205E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com