Electronic Components Datasheet Search
  English  ▼

X  

MAX232ECSE Datasheet(PDF) 1 Page - Analog Devices

Part # MAX232ECSE
Description  ±15kV ESD-Protected, 5V RS-232 Transceivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX232ECSE Datasheet(HTML) 1 Page - Analog Devices

  MAX232ECSE Datasheet HTML 1Page - Analog Devices MAX232ECSE Datasheet HTML 2Page - Analog Devices MAX232ECSE Datasheet HTML 3Page - Analog Devices MAX232ECSE Datasheet HTML 4Page - Analog Devices MAX232ECSE Datasheet HTML 5Page - Analog Devices MAX232ECSE Datasheet HTML 6Page - Analog Devices MAX232ECSE Datasheet HTML 7Page - Analog Devices MAX232ECSE Datasheet HTML 8Page - Analog Devices MAX232ECSE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
General Description
The MAX202E-MAX213E, MAX232E, and MAX241E are
a family of RS-232 and V.28 transceivers with high ±15kV
ESD HBM protection and integrated charge pump circuitry
for single +5V supply operation. The various combinations
of features are outlined in the Selector Guide. The drivers
and receivers for all ten devices meet all EIA/TIA-232E
and CCITT V.28 specifications at data rates up to 120kbps
when loaded.
The MAX211E/MAX213E/MAX241E are available in 28-pin
SO and SSOP packages. The MAX202E/MAX232E come
in 16-pin TSSOP, narrow SO, wide SO, and DIP packages.
The MAX203E comes in a 20-pin DIP/SO package, and
needs no external charge-pump capacitors. The MAX205E
comes in a 24-pin wide DIP package, and also eliminates
external charge-pump capacitors.
Applications
● Battery-Powered Equipment
● Hand-Held Equipment
● Portable Diagnostics Equipment
Benefits and Features
● Saves Board Space
• Integrated High ±15kV HBM ESD Protection
• Integrated Charge Pump Circuitry
- Eliminates the Need for a Bipolar ±12V Supply
- Enables Single Supply Operation From +5V Supply
• Integrated 0.1μF Capacitors (MAX203E, MAX205E)
• 24 pin SSOP Package Saves up to 40% Versus SO
Package
● Saves Power for Reduced Power Requirements
• 1μA Shutdown Mode
• 15μA Shutdown Mode for MAX213E
Ordering Information continued at end of data sheet.
Pin Configurations and Typical Operating Circuits appear
at end of data sheet.
AutoShutdown and UCSP are trademarks of Maxim Integrated
Products, Inc.
19-0175; Rev 8; 1/21
PART
TEMP RANGE
PIN-PACKAGE
MAX202ECPE
0°C to +70°C
16 Plastic DIP
MAX202ECSE
0°C to +70°C
16 Narrow SO
PART
NO. OF RS-232
DRIVERS
NO. OF RS-232
RECEIVERS
RECEIVERS
ACTIVE IN
SHUTDOWN
NO. OF
EXTERNAL
CAPACITORS
(μF)
LOW-POWER
SHUTDOWN
TTL TRI-
STATE
MAX202E
2
2
0
4 (0.1)
No
No
MAX203E
2
2
0
None
No
No
MAX205E
5
5
0
None
Yes
Yes
MAX206E
4
3
0
4 (0.1)
Yes
Yes
MAX207E
5
3
0
4 (0.1)
No
No
MAX208E
4
4
0
4 (0.1)
No
No
MAX211E
4
5
0
4 (0.1)
Yes
Yes
MAX213E
4
5
2
4 (0.1)
Yes
Yes
MAX232E
2
2
0
4 (1)
No
No
MAX241E
4
5
0
4 (1)
Yes
Yes
±15kV ESD-Protected,
5V RS-232 Transceivers
MAX202E–MAX213E,
MAX232E/MAX241E
Evaluation Kit
Available
Design
Resources
Tools
and Models
Support
One Analog Way, Wilmington, MA 01887 U.S.A. |
Tel: 781.329.4700
|
© 2021 Analog Devices, Inc. All rights reserved.
© 2021 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners.
Click
here to ask an associate for production status of specific part numbers.
Selector Guide
Ordering Information


Similar Part No. - MAX232ECSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX232ECSE MAXIM-MAX232ECSE Datasheet
507Kb / 25P
15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX232ECSE MAXIM-MAX232ECSE Datasheet
1Mb / 25P
15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
More results

Similar Description - MAX232ECSE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST202E STMICROELECTRONICS-ST202E Datasheet
95Kb / 12P
± 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
Apr-2000
ST207E STMICROELECTRONICS-ST207E Datasheet
62Kb / 9P
± 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
Jun-2000
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX3322E MAXIM-MAX3322E Datasheet
329Kb / 13P
15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Rev 1; 1/03
logo
STMicroelectronics
ST207E STMICROELECTRONICS-ST207E_06 Datasheet
507Kb / 17P
짹 15kV ESD protected 5V RS-232 transceiver
14-Mar-2006
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Intersil Corporation
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1,008Kb / 28P
±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
ISL81387IAZ INTERSIL-ISL81387IAZ Datasheet
1Mb / 27P
±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
June 9, 2014
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com