Electronic Components Datasheet Search
  English  ▼

X  

MAX232ECSE Datasheet(PDF) 10 Page - Analog Devices

Part # MAX232ECSE
Description  ±15kV ESD-Protected, 5V RS-232 Transceivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX232ECSE Datasheet(HTML) 10 Page - Analog Devices

Back Button MAX232ECSE Datasheet HTML 6Page - Analog Devices MAX232ECSE Datasheet HTML 7Page - Analog Devices MAX232ECSE Datasheet HTML 8Page - Analog Devices MAX232ECSE Datasheet HTML 9Page - Analog Devices MAX232ECSE Datasheet HTML 10Page - Analog Devices MAX232ECSE Datasheet HTML 11Page - Analog Devices MAX232ECSE Datasheet HTML 12Page - Analog Devices MAX232ECSE Datasheet HTML 13Page - Analog Devices MAX232ECSE Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
When in low-power shutdown mode, the MAX205E/
MAX206E/MAX211E/MAX213E/MAX241E driver outputs
are turned off and draw only leakage currents—even if
they are back-driven with voltages between 0V and12V.
Below -0.5V in shutdown, the transmitter output is diode-
clamped to ground with a 1kΩ series impedance.
RS-232 Receivers
The receivers convert the RS-232 signals to CMOS-logic
output levels. The guaranteed 0.8V and 2.4V receiver
input thresholds are significantly tighter than the ±3V
thresholds required by the EIA/TIA-232E specification.
This allows the receiver inputs to respond to TTL/CMOS-
logic levels, as well as RS-232 levels.
The guaranteed 0.8V input low threshold ensures that
receivers shorted to ground have a logic 1 output. The
5kΩ input resistance to ground ensures that a receiver
with its input left open will also have a logic 1 output.
Receiver inputs have approximately 0.5V hysteresis. This
provides clean output transitions, even with slow rise/fall-
time signals with moderate amounts of noise and ringing.
In shutdown, the MAX213E’s R4 and R5 receivers have
no hysteresis.
Shutdown and Enable Control
(MAX205E/MAX206E/MAX211E/
MAX213E/MAX241E)
In shutdown mode, the charge pumps are turned off, V+
is pulled down to VCC, V- is pulled to ground, and the
transmitter outputs are disabled. This reduces supply
current typically to 1μA (15μA for the MAX213E). The
time required to exit shutdown is under 1ms, as shown
in Figure 5.
Receivers
All MAX213E receivers, except R4 and R5, are put into a
high-impedance state in shutdown mode (see Tables 1a
and 1b). The MAX213E’s R4 and R5 receivers still func-
tion in shutdown mode. These two awake-in-shutdown
receivers can monitor external activity while maintaining
minimal power consumption.
The enable control is used to put the receiver outputs
into a high-impedance state, to allow wire-OR connection
of two EIA/TIA-232E ports (or ports of different types) at
the UART. It has no effect on the RS-232 drivers or the
charge pumps.
Note: The enable control pin is active low for the
MAX211E/MAX241E (EN), but is active high for the
MAX213E (EN). The shutdown control pin is active
Figure 4. Charge-Pump Diagram
www.analog.com
Analog Devices │ 10
MAX202E–MAX213E,
MAX232E/MAX241E
±15kV ESD-Protected,
5V RS-232 Transceivers
C1-
IL-
RL-
V+
S1
V -
fCLK
6
S
5
S
2
S
2
C
3
C
1
C
IL+
RL+
8
S
7
S
4
S
3
S
C4
C1+
GND
GND
VCC
VCC
C2-
C2+
PART
fCLK
(kHz)
MAX202E
MAX211E/213E
MAX232E
MAX203E
230
MAX205E–208E
200
200
140
MAX241E
30
230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com