Electronic Components Datasheet Search
  English  ▼

X  

MAX232ECSE Datasheet(PDF) 9 Page - Analog Devices

Part # MAX232ECSE
Description  ±15kV ESD-Protected, 5V RS-232 Transceivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX232ECSE Datasheet(HTML) 9 Page - Analog Devices

Back Button MAX232ECSE Datasheet HTML 5Page - Analog Devices MAX232ECSE Datasheet HTML 6Page - Analog Devices MAX232ECSE Datasheet HTML 7Page - Analog Devices MAX232ECSE Datasheet HTML 8Page - Analog Devices MAX232ECSE Datasheet HTML 9Page - Analog Devices MAX232ECSE Datasheet HTML 10Page - Analog Devices MAX232ECSE Datasheet HTML 11Page - Analog Devices MAX232ECSE Datasheet HTML 12Page - Analog Devices MAX232ECSE Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Detailed Description
The MAX202E–MAX213E, MAX232E/MAX241E consist
of three sections: charge-pump voltage converters, driv-
ers (transmitters), and receivers. These E versions pro-
vide extra protection against ESD. They survive ±15kV
discharges to the RS-232 inputs and outputs, tested
using the Human Body Model. When tested according
to IEC1000-4-2, they survive ±8kV contact-discharges
and ±15kV air-gap discharges. The rugged E versions
are intended for use in harsh environments or applica-
tions where the RS-232 connection is frequently changed
(such as notebook computers). The standard (non-
“E”) MAX202, MAX203, MAX205–MAX208, MAX211,
MAX213, MAX232, and MAX241 are recommended for
applications where cost is critical.
+5V to ±10V Dual Charge-Pump
Voltage Converter
The +5V to ±10V conversion is performed by dual charge-
pump voltage converters (Figure 4). The first charge-
pump converter uses capacitor C1 to double the +5V into
+10V, storing the +10V on the output filter capacitor, C3.
The second uses C2 to invert the +10V into -10V, storing
the -10V on the V- output filter capacitor, C4.
In shutdown mode, V+ is internally connected to VCC by
a 1kΩ pull-down resistor, and V- is internally connected to
ground by a 1kΩ pull up resistor.
RS-232 Drivers
With VCC = 5V, the typical driver output voltage swing is
±8V when loaded with a nominal 5kΩ RS-232 receiver.
The output swing is guaranteed to meet EIA/TIA-232E
and V.28 specifications that call for ±5V minimum output
levels under worst-case conditions. These include a 3kΩ
load, minimum VCC, and maximum operating tempera-
ture. The open-circuit output voltage swings from (V+ -
0.6V) to V-.
Input thresholds are CMOS/TTL compatible. The unused
drivers’ inputs on the MAX205E–MAX208E, MAX211E,
MAX213E, and MAX241E can be left unconnected
because 400kΩ pull up resistors to VCC are included on-
chip. Since all drivers invert, the pull up resistors force the
unused drivers’ outputs low. The MAX202E, MAX203E,
and MAX232E do not have pull up resistors on the
transmitter inputs.
Figure 3. Transition Slew-Rate Circuit
www.analog.com
Analog Devices │ 9
MAX202E–MAX213E,
MAX232E/MAX241E
±15kV ESD-Protected,
5V RS-232 Transceivers
V+
MAX2_ _E
VCC
T_
R_
C1+
C1-
C2+
C2-
VCC
T_OUT
R_OUT
EN (EN)
SHDN (SHDN)
400kΩ
400kΩ
5kΩ
3Ωk
+5V
R_IN
T_IN
MINIMUM SLEW-RATE TEST CIRCUIT
0V (+5V)
0V (+5V)
2500pF
V-
V+
VCC
R_
T_
C1+
C1-
C2+
C2-
VCC
T_OUT
R_OUT
EN (EN)
SHDN (SHDN)
5kΩ
7kΩ
+5V
R_IN
T_IN
MAXIMUM SLEW-RATE TEST CIRCUIT
0V (+5V)
0V (+5V)
50pF
V-
( ) ARE FOR MAX213E
* 1µF FOR MAX232E/MAX241E
MAX2_ _E
TRANSMITTER INPUT PULL-UP RESISTORS, ENABLE, AND SHUTDOWN ARE NOT PROVIDED ON THE MAX202E, MAX203E, AND MAX232E.
ENABLE AND SHUTDOWN ARE NOT PROVIDED ON THE MAX207E AND MAX208E.
0.1µF
*
0.1µF
*
0.1µF
*
0.1µF
*
0.1µF
*
0.1µF
*
0.1µF
*
0.1µF
*
0.1µF
*
0.1µF
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com