Electronic Components Datasheet Search
  English  ▼

X  

LW-SERIES Datasheet(PDF) 8 Page - DIWELL Electronics Co., Ltd.

Part # LW-SERIES
Description  5W WIDE INPUT RANGE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

LW-SERIES Datasheet(HTML) 8 Page - DIWELL Electronics Co., Ltd.

  LW-SERIES Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. LW-SERIES Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. LW-SERIES Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. LW-SERIES Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. LW-SERIES Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. LW-SERIES Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. LW-SERIES Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. LW-SERIES Datasheet HTML 8Page - DIWELL Electronics Co., Ltd. LW-SERIES Datasheet HTML 9Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
DANUBE
http://www.danube.com.tw
2010/07/01
8
TYPICAL APPLICATIONS
SINGLE OUTPUT
DUAL OUTPUT
LOAD
INPUT
+Vin
OUTPUT
-Vout
+Vout
-Vin
DC-DC
CONVERTER
+Vout
-Vin
-Vout
INPUT
DC-DC
CONVERTER
+Vin
LOAD1
OUTPUT
Common
LOAD2
TYPICAL PERFORMANCE CURVES
Specifications typical at Ta=25 °C, nominal input voltage , rated output current unless otherwise specified.
OUTPUT LOAD VS EFFICIENCY
TEMPERATURE DERATING
0.0
20.0
40.0
60.0
80.0
0
2040
6080
100
% OF RATED LOAD(%)
0%
25%
50%
75%
100%
125%
-25
0
25
50
70
100
TA(degree C)
INPUT FUSE SELECTION GUIDE
4.5-9V
INPUT VOLTAGE(VDC)
9-18V or 9-27V or 9-36V
INPUT VOLTAGE(VDC)
18-36V or 18-54V or 18-72V
INPUT VOLTAGE(VDC)
36-72V
INPUT VOLTAGE(VDC)
2500mA Slow-Blow Type
900mA Slow-Blow Type
500mA Slow-Blow Type
250mA Slow-Blow Type
DC-DC
CONVERTER
+Vin
-Vin
+Vout
-Vout
OUTPUT
Fuse
INPUT
Note: Certain applications may require the installation of external fuse in front of the input.
SAFE
OPERATING
AREA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com