Electronic Components Datasheet Search
  English  ▼

X  

LW-SERIES Datasheet(PDF) 1 Page - DIWELL Electronics Co., Ltd.

Part # LW-SERIES
Description  5W WIDE INPUT RANGE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

LW-SERIES Datasheet(HTML) 1 Page - DIWELL Electronics Co., Ltd.

  LW-SERIES Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. LW-SERIES Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. LW-SERIES Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. LW-SERIES Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. LW-SERIES Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. LW-SERIES Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. LW-SERIES Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. LW-SERIES Datasheet HTML 8Page - DIWELL Electronics Co., Ltd. LW-SERIES Datasheet HTML 9Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DANUBE
http://www.danube.com.tw
2010/07/01
1
FEATURES
5W DIL PACKAGE
INDUSTRY STANDARD PACKAGE
NO EXTERNAL COMPONENTS REQUIRED
4.5-9,9-18V,18-36V,36-72V,9-27V,18-54V,
9-36V,18V-72V WIDE INPUTRANGE
100% BURN-IN
HIGH EFFICIENCY
UL 94V-0 PACKAGE MATERIAL
CUSTOM SOLUTIONS AVAILABLE
RoHS COMPLIANT
3 YEARS WARRANTY
OUTPUT SPECIFICATIONS
INPUT SPECIFICATIONS
Voltage Set-point Accuracy
+/-2% max Input Voltage Range
2:1 3:1 4:1 Input Range
Temperature Coefficient
+/-0.05%/°C Input Filter
Pi Network
Ripple & Noise(20MHz BW)
1
100mVp-p max Protection
Fuse Recommended
Line Regulation
2
+/-0.5% max
Load Regulation
3
+/-0.5% max
GENERAL SPECIFICATIONS
Minimum Load
10% of Full Load Efficiency
70% min
Short Circuit Protection
Continuous Isolation Voltage
4
1500VDC or 3000VDC min
Short Circuit Restart
Automatic Isolation Resistance
10
9 ohms min
Over Load Protection
180% Typ Isolation Capacitance
120pF max
Transient Response
5
200uS max Switching Frequency
100 KHz min
MTBF
6
>670,000 Hours
Weight
31.2g Typ
ENVIRONMENTAL SPECIFICATIONS
Case Material
7
Six or Five-Side Shielded Case
Operating Temperature
-25°C to +71°C Case Size
50.8mm*25.4mm*11.2mm
Storage Temperature
-55°C to +125°C Potting Material
Epoxy(UL94V-0)
Humidity
95% max Conducted Emissions
EN55022 Class A
Cooling
Free-Air Convection Radiated Emissions
EN55022 Class A
ALL SPECIFICATIONS TYPICAL AT NOMINAL LINE, FULL LOAD AND 25
OC UNLESS OTHERWISE NOTED.
1
Measured with 1uF ceramic capacitor connects to the output pins.
2 High Line to Low Line.
3 Load Regulation is for output load current change from 10% to 100%.
4 1500VDC for 10 seconds,2000VDC~3000VDC for 3 seconds.
5 25% Step Load Change.
6 MIL-HDBK-217F @25 °C , Ground Benign.
7 Six-Side Shielded Case / Isolation Voltage=1500VDC.
Five-Side Shielded Case /Isolation Voltage=3000VDC.
LW SERIES
5W WIDE INPUT RANGE


Similar Part No. - LW-SERIES

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
LW-007-D+FC-138 LABFACILITY-LW-007-D+FC-138 Datasheet
734Kb / 3P
Fabricated Thermopockets
Nov-23
LW-008-D+FC-138 LABFACILITY-LW-008-D+FC-138 Datasheet
734Kb / 3P
Fabricated Thermopockets
Nov-23
LW-333-D+FC-140 LABFACILITY-LW-333-D+FC-140 Datasheet
734Kb / 3P
Fabricated Thermopockets
Nov-23
logo
OSRAM GmbH
LW-3333 OSRAM-LW-3333 Datasheet
349Kb / 13P
colorless, clear 3 mm (T1) package
logo
Labfacility Ltd
LW-521-D LABFACILITY-LW-521-D Datasheet
276Kb / 1P
Brass Compression Glands – Parallel, Tapered & NPT Thread
More results

Similar Description - LW-SERIES

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ALO20F36 EMERSON-NETWORKPOWER-ALO20F36 Datasheet
117Kb / 2P
Wide Range Input
logo
MicroPower Direct, LLC
A500RU MPD-A500RU Datasheet
175Kb / 2P
Single & Dual Output, 5W Ultra-Wide Input Range DC/DC Converters
A500RW MPD-A500RW Datasheet
164Kb / 2P
Wide Input Range, 5W Single & Dual Output DC/DC Converters
logo
Microdc power Technolog...
WRA-YD-5W MICRODC-WRA-YD-5W Datasheet
664Kb / 3P
5W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
logo
XP Power Limited
QSB30024S05 XPPOWER-QSB30024S05 Datasheet
148Kb / 4P
Wide Input Range
logo
Toppower Electronic Tec...
TP05DA-2KVDC TOPPOWER-TP05DA-2KVDC Datasheet
201Kb / 4P
5W Wide Input Voltage DC/DC Converters
TP05DA-3KVDC TOPPOWER-TP05DA-3KVDC Datasheet
202Kb / 4P
5W Wide Input Voltage DC/DC Converters
logo
XP Power Limited
QSB300 XPPOWER-QSB300 Datasheet
148Kb / 4P
Wide Input Range
logo
GAPTEC Electronic GmbH ...
5TAW GAPTEC-5TAW Datasheet
679Kb / 4P
5W - Single Output - Wide Input - Isolated & Regulated
logo
DIWELL Electronics Co.,...
PCW DIWELL-PCW Datasheet
801Kb / 5P
5W WIDE INPUT RANGE
2015/01/23
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com