Electronic Components Datasheet Search
  English  ▼

X  

LW-SERIES Datasheet(PDF) 2 Page - DIWELL Electronics Co., Ltd.

Part # LW-SERIES
Description  5W WIDE INPUT RANGE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

LW-SERIES Datasheet(HTML) 2 Page - DIWELL Electronics Co., Ltd.

  LW-SERIES Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. LW-SERIES Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. LW-SERIES Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. LW-SERIES Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. LW-SERIES Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. LW-SERIES Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. LW-SERIES Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. LW-SERIES Datasheet HTML 8Page - DIWELL Electronics Co., Ltd. LW-SERIES Datasheet HTML 9Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DANUBE
http://www.danube.com.tw
2010/07/01
2
SELECTION GUIDE(1)
2:1 5W OUTPUT
INPUT
8
CURRENT(mA)
MODEL
NUMBER
INPUT
VOLTAGE
(VDC)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(mA)
FULL
LOAD
NO
LOAD
EFF
(%)
9
ISOLATION
(VDC)
LWS-0505H
4.5-9
5
900
1286
30
70
1500
LWS-0512H
4.5-9
12
417
1420
30
70
1500
LWS-0515H
4.5-9
15
333
1390
20
72
1500
LWD-0505H
4.5-9
+/-5
+/-450
1286
20
70
1500
LWD-0512H
4.5-9
+/-12
+/-208
1390
30
72
1500
LWD-0515H
4.5-9
+/-15
+/-167
1355
44
74
1500
LWS-1203.3H
9-18
3.3
1500
589
33
70
1500
LWS-1205H
9-18
5
1000
556
30
75
1500
LWS-1209H
9-18
9
556
520
30
80
1500
LWS-1212H
9-18
12
417
519
28
80
1500
LWS-1215H
9-18
15
333
514
28
81
1500
LWD-1205H
9-18
+/-5
+/-500
556
29
75
1500
LWD-1209H
9-18
+/-9
+/-278
525
28
79
1500
LWD-1212H
9-18
+/-12
+/-208
544
28
77
1500
LWD-1215H
9-18
+/-15
+/-167
520
28
80
1500
LWS-2403.3H
18-36
3.3
1500
290
16
71
1500
LWS-2405H
18-36
5
1000
270
14
77
1500
LWS-2409H
18-36
9
556
257
14
81
1500
LWS-2412H
18-36
12
417
254
13
82
1500
LWS-2415H
18-36
15
333
251
13
83
1500
LWS-2424H
18-36
24
208
260
21
80
1500
LWD-2405H
18-36
+/-5
+/-500
270
14
77
1500
LWD-2409H
18-36
+/-9
+/-278
257
14
81
1500
LWD-2412H
18-36
+/-12
+/-208
254
13
82
1500
LWD-2415H
18-36
+/-15
+/-167
251
12
83
1500
LWS-4803.3H
36-72
3.3
1500
135
10
77
1500
LWS-4805H
36-72
5
1000
135
8
77
1500
LWS-4809H
36-72
9
556
130
16
80
1500
LWS-4812H
36-72
12
417
126
7
83
1500
LWS-4815H
36-72
15
333
130
12
80
1500
LWD-4805H
36-72
+/-5
+/-500
135
8
77
1500
LWD-4809H
36-72
+/-9
+/-278
126
7
83
1500
LWD-4812H
36-72
+/-12
+/-208
126
7
83
1500
LWD-4815H
36-72
+/-15
+/-167
130
12
80
1500
8 NOMINAL INPUT VOLTAGE.
9 NOMINAL INPUT VOLTAGE, FULL LOAD.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com