Electronic Components Datasheet Search
  English  ▼

X  

LW-SERIES Datasheet(PDF) 3 Page - DIWELL Electronics Co., Ltd.

Part # LW-SERIES
Description  5W WIDE INPUT RANGE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

LW-SERIES Datasheet(HTML) 3 Page - DIWELL Electronics Co., Ltd.

  LW-SERIES Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. LW-SERIES Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. LW-SERIES Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. LW-SERIES Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. LW-SERIES Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. LW-SERIES Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. LW-SERIES Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. LW-SERIES Datasheet HTML 8Page - DIWELL Electronics Co., Ltd. LW-SERIES Datasheet HTML 9Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DANUBE
http://www.danube.com.tw
2010/07/01
3
SELECTION GUIDE(2)
3:1 5W OUTPUT
INPUT
10
CURRENT(mA)
MODEL
NUMBER
INPUT
VOLTAGE
(VDC)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(mA)
FULL
LOAD
NO
LOAD
EFF
(%)
11
ISOLATION
(VDC)
LWS-1203.3HG
9-27
3.3
1500
555
20
75
1500
LWS-1205HG
9-27
5
1000
535
30
78
1500
LWS-1209HG
9-27
9
556
548
30
76
1500
LWS-1212HG
9-27
12
417
525
28
79
1500
LWS-1215HG
9-27
15
333
520
28
80
1500
LWD-1205HG
9-27
+/-5
+/-500
530
28
77
1500
LWD-1212HG
9-27
+/-12
+/-208
544
28
77
1500
LWD-1215HG
9-27
+/-15
+/-167
520
28
80
1500
LWS-2403.3HG
18-54
3.3
1500
277
14
75
1500
LWS-2405HG
18-54
5
1000
277
14
75
1500
LWS-2409HG
18-54
9
556
267
14
78
1500
LWS-2412HG
18-54
12
417
260
13
80
1500
LWS-2415HG
18-54
15
333
257
13
81
1500
LWD-2412HG
18-54
+/-12
+/-208
257
13
81
1500
LWD-2415HG
18-54
+/-15
+/-167
257
12
81
1500
Note: Other input to output voltages may be available. Please contact factory.
10 NOMINAL INPUT VOLTAGE.
11 NOMINAL INPUT VOLTAGE, FULL LOAD.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com