Electronic Components Datasheet Search
  English  ▼

X  

SLE-24 Datasheet(PDF) 7 Page - DIWELL Electronics Co., Ltd.

Part # SLE-24
Description  Constant Current LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

SLE-24 Datasheet(HTML) 7 Page - DIWELL Electronics Co., Ltd.

  SLE-24 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. SLE-24 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. SLE-24 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. SLE-24 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. SLE-24 Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. SLE-24 Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. SLE-24 Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. SLE-24 Datasheet HTML 8Page - DIWELL Electronics Co., Ltd. SLE-24 Datasheet HTML 9Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PACKAGE W
PIN
OUT
COMMENT
1
(Red)
+Vin
DC Supply
3
(White)
PWM DIM
ON/OFF/PWM
Dimming
Leave open if not
used
4
(Black)
-Vin
Don’t connect to
-Vout
5
(Blue)
-Vout
LED – Connection
6
(Yellow)
+Vout
LED + Connection
DANUBE
http://www.danube.com.tw
2012/07/19
9-7
8.9[0.35]
1
3
4
5.0 [0 .2]
±
2
4
3
5
6
1
9.9[0.39]
BOTTOM VIEW
All dimensions are in mm[inches]
SIDE VIEW
100.0
[3.93]
±
10
22.6[ 0.89]
1
6
9.9[0.39]
NOTE:
All dimensions in
mm(Inches)
1.Case Tolerance .X or .XX=±0.5mm
2.Wire outside diameter=1.6mm ±0.1
3.Wire core diameter= 0.75mm ±0.1
4.Wire is UL 3385/CAS TEM listed #22AWG /300V /105℃
Rated



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com