Electronic Components Datasheet Search
  English  ▼

X  

SLE-24 Datasheet(PDF) 2 Page - DIWELL Electronics Co., Ltd.

Part # SLE-24
Description  Constant Current LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

SLE-24 Datasheet(HTML) 2 Page - DIWELL Electronics Co., Ltd.

  SLE-24 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. SLE-24 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. SLE-24 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. SLE-24 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. SLE-24 Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. SLE-24 Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. SLE-24 Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. SLE-24 Datasheet HTML 8Page - DIWELL Electronics Co., Ltd. SLE-24 Datasheet HTML 9Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DANUBE
http://www.danube.com.tw
2012/07/19
9-2
PARTNUMBES STRUCTURE
Series
Coding scheme
SLE-24 Series SLE-x1-x.x2y1zzz
SLE =Series Name
x1 = Input voltage
x.x2 =Output current
y1 = Package Style(D=PINS,W=WIRED,S=SMD)
zzz = 0~9,A~Z or blank for market purpose.
SPECIFICATIONS
( typical at 25°C, nominal input voltage, rated output current unless otherwise specified )
Project
Working Condition
Min
Typ
Max
Unit
Input Voltage(absolute maximum)
36
VDC
Input Voltage(absolute maximum)
For (S)
32
VDC
Recommended Input Voltage
9
24
36
VDC
Recommended Input Voltage(S)
9
24
32
VDC
Input Filter
Capacitor
Output Voltage range
Vin=36V
2
32
VDC
Output Voltage range(S)
Vin=32V
2
28
VDC
Output Current Accuracy
Vin=24V,6LEDS
±4
±6
%
Output Current Stability
Vin=24V,1LED to 6LEDS
±4
±6
%
Humidity
PINS, WIRE
20
95
Humidity
SMD
20
85
%
Maximum Capacitive Load
2.2
uF
Operating Frequency
40
1000
KHz
Short Circuit Protection
Continuous
Temperature Coefficient
-40°C~+71°C ambient
±0.03
%°C
300mA/350mA/500mA
-40
85
°C
Operating Temperature
600mA/700mA
-40
71
°C
Storage Temperature
-55
125
°C
Internal IC Temperature
150
°C
Over Temperature Shutdown
(Auto-restart after cool down)
Temperature Hysteresis
20
°C
Maximum Case Temperature
100
°C
MTBF (using MIL-HDBK 217F)
Operating Temperature 25°C
2000000
Hours
Case Material
Non Conductive plastic
Potting Material
Epoxy (UL94V-0)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com