Electronic Components Datasheet Search
  English  ▼

X  

SLE-24 Datasheet(PDF) 3 Page - DIWELL Electronics Co., Ltd.

Part # SLE-24
Description  Constant Current LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

SLE-24 Datasheet(HTML) 3 Page - DIWELL Electronics Co., Ltd.

  SLE-24 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. SLE-24 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. SLE-24 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. SLE-24 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. SLE-24 Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. SLE-24 Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. SLE-24 Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. SLE-24 Datasheet HTML 8Page - DIWELL Electronics Co., Ltd. SLE-24 Datasheet HTML 9Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Project
Working Condition
Min
Typ
Max
Unit
Case Size
22.6*9.9*8.9
mm
Case Size(S)
25.4*10.5*9.3
mm
Weight(P)
4
g
Weight (W)
7.3
g
Weight(S)
3.4
g
EMI Radiated & Conducted Emissions
EN55015
Dust Test & Waterproof Test(D) (W)
IP67
PWM DIMMING AND ON/OFF CONTROL(Leave open if not use)
Project
Working Condition
Min
Typ
Max
Unit
ON
3.5
FLOAT
10
VDC
ON/OFF Control
OFF
0
0.5
VDC
Quiescent Input Current in
Shutdown Mode
Vin=24
1
mA
For Linear Operation
PWM Frequency
(measured 1%~99%
Dimming)
100
1K
Hz
0
25
50
75
100
0
255075
1
Dimming Duty Ratio(%)
00
The dimming of LEDs can be performed by applying PWM signals to DIM pin.
The following Fig.1 show good linearity in dimming application of SLE-24.
A logic low(below 0.5V) at DIM PIN will disable the device and shut off the current flow to the LED array.
Fig.1 Dimming Duty Cycle:0%-100%
DANUBE
http://www.danube.com.tw
2012/07/19
9-3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com