Electronic Components Datasheet Search
  English  ▼

X  

SLE-24 Datasheet(PDF) 8 Page - DIWELL Electronics Co., Ltd.

Part # SLE-24
Description  Constant Current LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

SLE-24 Datasheet(HTML) 8 Page - DIWELL Electronics Co., Ltd.

  SLE-24 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. SLE-24 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. SLE-24 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. SLE-24 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. SLE-24 Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. SLE-24 Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. SLE-24 Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. SLE-24 Datasheet HTML 8Page - DIWELL Electronics Co., Ltd. SLE-24 Datasheet HTML 9Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PACKAGE S
PIN
OUT
COMMENT
1
+Vin
DC Supply
14
PWM DIM
ON/OFF/PWM
Dimming
Leave open if not
used
16
-Vin
Don’t connect to
-Vout
9 & 10
-Vout
LED – Connection
7 & 8
+Vout
LED + Connection
NOTE: Pin Size is Tolerance 0.6Φ ±0.05mm
All Dimensions In mm(Inches)
Tolerance .X or .XX= ±0.5mm
2.54mm
1.54[0.06]
1.54[0.06]
TOP VIEW
17 8
2.54[0.1]
9
10
14
16
REFLOW SOLDERING CURVE
Remark:
The curve applies only to the hot air reflow soldering.
FOR MORE INFORMATION CALL:
Danube Enterprise Co., Ltd.
Tel: 886-7-3755165
Fax: 886-7-3755330
E-mail: danube@ms10.hinet.net
Home Page
http://www.danube.com.tw
DANUBE
http://www.danube.com.tw
2012/07/19
9-8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com